Electronic Components Datasheet Search
  English  ▼

X  

LTC1564 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1564 Datasheet(HTML) 4 Page - Analog Devices

  LTC1564 Datasheet HTML 1Page - Analog Devices LTC1564 Datasheet HTML 2Page - Analog Devices LTC1564 Datasheet HTML 3Page - Analog Devices LTC1564 Datasheet HTML 4Page - Analog Devices LTC1564 Datasheet HTML 5Page - Analog Devices LTC1564 Datasheet HTML 6Page - Analog Devices LTC1564 Datasheet HTML 7Page - Analog Devices LTC1564 Datasheet HTML 8Page - Analog Devices LTC1564 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1564
1564fa
TYPICAL PERFOR A CE CHARACTERISTICS
Detail of Stopband Response
Passband Gain, Phase
and Group Delay
fC (kHz)
10
–0.50
–0.25
0
70
110
1564 G04
–0.75
–1.00
30
50
90
130
150
–1.25
–1.50
VS = SINGLE 5V
TA = 25°C
FREQUENCY (kHz)
15
–80
–60
–40
55
1564 G05
–100
–120
–90
–70
–50
–110
–130
–140
25
35
45
65
fC = 10kHz
VS = ±5V
TA = 25°C
FREQUENCY (kHz)
2
–15
–5
5
10
1546 G06
–25
–35
–20
–10
0
–30
–40
–45
–270
–90
90
–450
–630
–360
–180
0
–540
–720
–810
300
400
500
200
100
250
350
450
150
50
0
4
6
8
12
GAIN
fC = 10kHz
PHASE
GROUP DELAY
Passband Roll-Off at fIN = fC
vs fC
1564 G07
200
µs/DIV
OUTPUT
fC = 10kHz
UNITY GAIN
VS = ±5V
INPUT
100
µs/DIV
1564 G08
INPUT, 1V/DIV (PULSE WIDTH 10
µs)
OUTPUT, 100mV/DIV
fC = 10kHz
UNITY GAIN
VS = ± 5V
Rectangular Pulse Response
Short-Pulse Response
Triangular-Wave Time Response
SNR vs Input Voltage
THD + Noise vs Input Voltage
(fC = 10kHz)
200
µs/DIV
1564 G09
fC = 10kHz
fIN = 1kHz
UNITY GAIN
VS = ± 5V
INPUT
OUTPUT
INPUT VOLTAGE (VP-P)
–80
–60
–50
–30
–20
0.001
0.1
1
10
1564 G11
–100
0.01
–40
–70
–90
3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 10kHz
fIN = 1kHz
INPUT VOLTAGE (VP-P)
30
10
50
70
90
110
0.001
0.1
1
10
1564 G10
0
0.01
140
130
20
40
60
80
100
120
GAIN = 16
fC = 20kHz
GAIN = 1
fC = 100kHz
GAIN = 1
fC = 20kHz
GAIN = 16
fC = 100kHz
LIMIT FOR 5V TOTAL SUPPLY
LIMIT FOR 10V TOTAL SUPPLY
PASSBAND INPUT
(fIN < fC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com