Electronic Components Datasheet Search
  English  ▼

X  

LTC1564 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1564 Datasheet(HTML) 2 Page - Analog Devices

  LTC1564 Datasheet HTML 1Page - Analog Devices LTC1564 Datasheet HTML 2Page - Analog Devices LTC1564 Datasheet HTML 3Page - Analog Devices LTC1564 Datasheet HTML 4Page - Analog Devices LTC1564 Datasheet HTML 5Page - Analog Devices LTC1564 Datasheet HTML 6Page - Analog Devices LTC1564 Datasheet HTML 7Page - Analog Devices LTC1564 Datasheet HTML 8Page - Analog Devices LTC1564 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1564
1564fa
G PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT
V–
EN
CS/HOLD
F3
F2
F1
F0
IN
AGND
V+
RST
G3
G2
G1
G0
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Supply Voltage
2.7
10.5
V
Supply Current
VS = ±1.35V, VIN = 0V
●
15
17
mA
VS = ±2.375V, VIN = 0V
●
16
18.5
mA
VS = ±5V, VIN = 0V
●
22
25
mA
Output Voltage Swing
RL = 10k to 0V
●
4.5
4.65
VP-P
Output Short-Circuit Current
VS = ±5V
●
±10
mA
DC Offset Voltage Magnitude (Referred to Input)
Gain = 1, 0
°C to 70°C
●
313
mV
Gain = 1, – 40
°C to 85°C
●
316
mV
Gain = 10, 0
°C to 70°C
●
15
mV
Gain = 10, – 40
°C to 85°C
●
16
mV
DC AGND Reference Voltage
VS = Single 5V Supply
2.5
V
Passband Gain
fC = 50kHz, fIN = 10kHz, Gain = 1
●
– 0.1
0.3
0.8
dB
fC = 50kHz, fIN = 10KHz, Gain = 16
●
23.5
24.2
25.3
dB
Passband Ripple
fC = 10kHz, 0 ≤ fIN ≤ 9kHz (Notes 2, 3)
●
–0.5
0.5
dB
fC = 150kHz, 0 ≤ fIN ≤ 135kHz (Notes 2, 3)
●
– 0.6
1.6
dB
Roll Off at Cutoff Frequency (fC) (Note 3)
fC = 10kHz (F = 0001)
●
–1.2
–0.7
–0.3
dB
fC = 150kHz (F = 1111)
●
–1.5
–0.5
0.6
dB
Roll Off at 2fC (Note 3)
fC = 10kHz
●
–67
–63
–59
dB
Roll Off at 2.5fC (Note 3)
fC = 10kHz
–99
dB
Wideband Noise (Referred to Input)
BW = 20kHz, fC = 10kHz, Gain = 1
33
µVRMS
BW = 20kHz, fC = 10kHz, Gain = 16
2.5
µVRMS
BW = 200kHz, fC = 100kHz, Gain = 1
50
µVRMS
Total Harmonic Distortion
fC = 100kHz, fIN = 10kHz, VIN = 1VRMS
–86
dB
(Note 1)
Total Supply Voltage (V+ to V–) .............................. 11V
Input Voltage ............................. V+ + 0.3V to V– – 0.3V
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
LTC1564C .............................................. 0
°C to 70°C
LTC1564I .......................................... – 40
°C TO 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1564CG
LTC1564IG
TJMAX = 125°C, θJA = 130°C/ W
The
● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±2.375V, fC = 10kHz, gain = 1, RL = 10k, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com