Electronic Components Datasheet Search
  English  ▼

X  

LTC6404 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6404
Description  Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6404 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6404 Datasheet HTML 9Page - Analog Devices LTC6404 Datasheet HTML 10Page - Analog Devices LTC6404 Datasheet HTML 11Page - Analog Devices LTC6404 Datasheet HTML 12Page - Analog Devices LTC6404 Datasheet HTML 13Page - Analog Devices LTC6404 Datasheet HTML 14Page - Analog Devices LTC6404 Datasheet HTML 15Page - Analog Devices LTC6404 Datasheet HTML 16Page - Analog Devices LTC6404 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC6605-7
13
66057f
APPLICATIONS INFORMATION
66057 F05a
–
+
22
18
–
+
16
12
2
4
1
5
8
10
7
11
±0.4dB 6.7MHz PASSBAND
GAIN = 1V/ V (0dB)
ZIN = 800Ω
80.6Ω
80.6Ω
66057 F05b
–
+
22
18
–
+
16
12
2
4
1
5
8
10
7
11
±0.4dB 6.7MHz PASSBAND
GAIN = 2.85V/ V (9.1dB)
ZIN = 280Ω
40.2Ω
40.2Ω
40.2Ω
40.2Ω
66057 F05c
±0.4dB 6.7MHz PASSBAND
GAIN = 3.85V/ V (11.7dB)
ZIN = 208Ω
–
+
22
18
–
+
16
12
2
4
1
5
8
10
7
11
40.2Ω
40.2Ω
40.2Ω
40.2Ω
Figure 5. Flat Passband 6.7MHz Filter Configurations with Some External Resistors
Gain Response
Gain Response
Gain Response
Phase and Group Delay Response
Small Signal Step Response
FREQUENCY (MHz)
10
1
0.1
–50
0
–10
–20
–30
–40
10
20
100
1000
66057 F05d
FREQUENCY (MHz)
10
1
0.1
–50
0
–10
–20
–30
–40
10
20
100
1000
66057 F05e
FREQUENCY (MHz)
10
1
0.1
–50
0
–10
–20
–30
–40
10
20
100
1000
66057 F05f
FREQUENCY (MHz)
10
1
0.1
–50
–100
–150
–200
–250
0
5
10
15
20
25
30
35
0
100
1000
66057 F05g
PHASE
GROUP DELAY
100mV/DIV
66057 G05h
20ns/DIV
GAIN = 1V / V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com