Electronic Components Datasheet Search
  English  ▼

X  

LTC6404 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6404
Description  Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6404 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6404 Datasheet HTML 12Page - Analog Devices LTC6404 Datasheet HTML 13Page - Analog Devices LTC6404 Datasheet HTML 14Page - Analog Devices LTC6404 Datasheet HTML 15Page - Analog Devices LTC6404 Datasheet HTML 16Page - Analog Devices LTC6404 Datasheet HTML 17Page - Analog Devices LTC6404 Datasheet HTML 18Page - Analog Devices LTC6404 Datasheet HTML 19Page - Analog Devices LTC6404 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC6605-7
20
66057f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1208 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1568
4th Order Filter Building Block
Lowpass and Bandpass Responses Up to 10MHz
LTC6404
Rail-to-Rail Output Differential Op Amp
1.5nV/√Hz Noise, –95dBc Distortion at 10MHz
LTC6406
3GHz Rail-to-Rail Input Differential Op Amp
1.6nV/√Hz Noise, –72dBc Distortion at 50MHz, 18mA
LT6600-2.5/LT6600-5/
LT6600-10/LT6600-15/
LT6600-20
Differential 4th Order Lowpass Filters
Cut-Off Frequencies of 2.5MHz/5MHz/10MHz/15MHz/20MHz
LTC6601
Differential Pin-Configurable 2nd Order Filter
Building Block
7MHz to 25MHz Pin-Configurable
LT6604-2.5/LT6604-5
Dual Differential 4th Order Lowpass Filters
Cut-Off Frequencies of 2.5MHz or 5MHz
Dual, Matched, 3rd Order 3.5MHz Lowpass Filter
Gain Magnitude vs Frequency
LTC6605-7
301Ω
301Ω
301Ω
301Ω
470pF
1%
VINA
VINB
VOUTA
VOUTB
66057 TA04
–
+
22
18
–
+
16
12
2
4
1
5
8
10
7
11
470pF
1%
FREQUENCY (MHz)
0.1
10
0
–10
–20
–30
–40
–50
–70
–60
–80
1
10
100
66057 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com