Electronic Components Datasheet Search
  English  ▼

X  

MAX271 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX271
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX271 Datasheet HTML 8Page - Analog Devices MAX271 Datasheet HTML 9Page - Analog Devices MAX271 Datasheet HTML 10Page - Analog Devices MAX271 Datasheet HTML 11Page - Analog Devices MAX271 Datasheet HTML 12Page - Analog Devices MAX271 Datasheet HTML 13Page - Analog Devices MAX271 Datasheet HTML 14Page - Analog Devices MAX271 Datasheet HTML 15Page - Analog Devices MAX271 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Applications Information
Power-Supply Configurations
The MAX270/MAX271 power supplies must be properly
bypassed. Best performance is achieved if V+ and V- are
bypassed to GND with 4.7µF electrolytic (tantalum is pre-
ferred) and 0.1µF ceramic capacitors in parallel. These
should be as close as possible to the chip supply pins.
Single supplies in the range of 4.75V to 16V may be
used to power the MAX270/MAX271 as shown in Figure
4. Digital logic may be referenced to V- (system ground),
but will not maintain TTL compatibility. CMOS (rail-to-
rail) logic recommended. For µP-mode operation with a
single supply, the MAX270 A0 pin must be configure with
a voltage divider (Figure 4).
Lowest quiescent current in shutdown mode is achieved
when A0 is either at V+ or V-.
Independent fC Programming Without a µP
Figure 6 shows how filter sections A and B may be pro-
grammed to different cutoff frequencies without the use
of a µP. The MAX690 µP supervisory circuit provides the
proper programming sequence when the circuit is pow-
ered up by controlling the 74HC373 data buffer and the
MAX270 addressing pin to load independent fC data for
filters A and B.
Figure 4. Power-Supply Configurations
V+
A0
(MAX270)
SINGLE-SUPPLY OPERATION
GND
V-
4.7kI
10kI
PIN-STRAP
MODE
µP
MODE
0V
+5V
+5V
10kI
4.7kI
4.7µF
0.1µF
0.1µF
4.7µF
+5V
MAX270
V+
BIPOLAR-SUPPLY OPERATION
GND
V-
4.7µF
0.1µF
0.1µF
4.7µF
+5V
-5V
MAX270
MAX271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com