Electronic Components Datasheet Search
  English  ▼

X  

MAX271 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX271
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271 Datasheet(HTML) 3 Page - Analog Devices

  MAX271 Datasheet HTML 1Page - Analog Devices MAX271 Datasheet HTML 2Page - Analog Devices MAX271 Datasheet HTML 3Page - Analog Devices MAX271 Datasheet HTML 4Page - Analog Devices MAX271 Datasheet HTML 5Page - Analog Devices MAX271 Datasheet HTML 6Page - Analog Devices MAX271 Datasheet HTML 7Page - Analog Devices MAX271 Datasheet HTML 8Page - Analog Devices MAX271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +5V, V- = -5V; TA = +25NC, unless otherwise noted.)
Note 1: All internal amplifiers limited to 2MHz bandwidth.
Note 2: Only filter A tested for these parameters.
Note 3: Spurious-Free Dynamic Range is the ratio of the fundamental to the largest of any harmonic or noise spur in dB.
Note 4: Includes T/H propagation delays. With 5kω, parallel 100pF load.
Note 5: ±2V input step settling 0.1% with 5kω parallel 100pF load.
Note 6: T/H pin toggled at sampling rate, 50% duty cycle.
Note 7: THD and SFDR specifications for T/H include contributions from filter.
Note 8:
Digital pins include SHDN, WR, CS, A0, D0–D6 (MAX270) and SHDN, T/H, A/B, WR, T/H EN, CS, A0, A1, D0–D6, T/H
(MAX271).
Note 9: Input of uncommitted op amp disconnected with a 5kω feedback resistor from input to output.
Note 10: WR, CS, A0, D0–D6 held at +5V; VSHDN = 0V (MAX270). WR, CS, A0, A1, D0–D6, T/H, T/H, A/B, T/H, MODE held at
+5V; VSHDN = 0V (MAX271).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC FILTER CHARACTERISTICS (MAX270)
Total Harmonic Distortion
THD
fC code = 44 (2.01kHz typ), VIN = 3.5VP-P at
390.625Hz (Notes 2 and 3)
-70
dB
Signal Noise Plus Distortion
SINAD
73
Spurious-Free Dynamic Range
SFDR
70
UNCOMMITTED AMPLIFIER (MAX270)
Slew Rate
1.2
V/Fs
Bandwidth
2
MHz
TRACK AND HOLD (MAX271)
Hold Settling Time
To 0.1% (Note 4)
500
ns
Acquisition Time
To 0.1% (Note 5)
1.8
F
s
Hold Step
1
mV
Droop Rate
TA = TMIN to TMAX
30
F
V/Fs
Offset Voltage at T/H OUT
Includes filter offset
-6
+6
mV
T/H OUT Disabled Output Leakage
Current
TA = TMIN to TMAX, VT/H = 0V (Track Mode)
-10
+10
F
A
Total Harmonic Distortion
THD
fC code = 44 (2.01kHz typ), VIN = 3.5VP-P at
390.625Hz, sampling rate = 50kHz
(Notes 2, 6, 7)
-70
dB
Spurious-Free Dynamic Range
SFDR
70
DIGITAL INPUTS
Digital Input High Voltage
TA = TMIN to TMAX (Note 8)
2.4
V
Digital Input Low Voltage
0.8
Digital Input Current
TA = TMIN to TMAX, digital input held at Q5V,
includes MODE (MAX271)(Note 8)
-1
+1
F
A
POWER REQUIREMENTS
Supply Voltage Range
Q
2.375
to Q8
V
Supply Current
TA = TMIN to TMAX (Note 9)
6.5
mA
Shutdown Supply Current
TA = TMIN to TMAX (Note 10)
15
F
A
Power-Supply Rejection Ratio at
1kHz
PSRR
fC code = 0 (1kHz typ), V+ = 5VDC +
10mVP-P at 1kHz
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com