Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84541IPZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL84541IPZ Datasheet HTML 6Page - Intersil Corporation ISL84541IPZ Datasheet HTML 7Page - Intersil Corporation ISL84541IPZ Datasheet HTML 8Page - Intersil Corporation ISL84541IPZ Datasheet HTML 9Page - Intersil Corporation ISL84541IPZ Datasheet HTML 10Page - Intersil Corporation ISL84541IPZ Datasheet HTML 11Page - Intersil Corporation ISL84541IPZ Datasheet HTML 12Page - Intersil Corporation ISL84541IPZ Datasheet HTML 13Page - Intersil Corporation ISL84541IPZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog-signal
paths and V+ or GND.
Typical Performance Curves TA = 25oC, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. RON MATCH vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
35
25
15
5
3
4
5
6
7
8
9
10
11
12
13
25oC
-40oC
85oC
10
20
30
40
VCOM (V)
15
5
0
4
6
8
10
12
10
20
2
20
15
25
10
25
20
30
15
40
45
V+ = 3.3V
V+ = 5V
V+ = 12V
25oC
-40oC
85oC
25oC
-40oC
85oC
25oC
-40oC
85oC
30
35
-40oC
VCOM (V)
0.1
0
0
4
6
8
10
12
0.05
0.15
2
V+ = 3.3V
V+ = 5V
V+ = 12V
25oC
-40oC
85oC
0.1
0.05
0.15
0
0.2
0.25
25oC
-40oC
85oC
0.2
0.1
0.3
0
0.4
0.5
25oC
-40oC
85oC
85oC
25oC
VCOM (V)
60
40
20
0
-20
0
4
6
8
10
12
-10
10
30
50
V+ = 3.3V
2
V+ = 5V
V+ = 12V
ISL84541, ISL84542, ISL84543, ISL84544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com