Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84541IPZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84541IPZ Datasheet HTML 1Page - Intersil Corporation ISL84541IPZ Datasheet HTML 2Page - Intersil Corporation ISL84541IPZ Datasheet HTML 3Page - Intersil Corporation ISL84541IPZ Datasheet HTML 4Page - Intersil Corporation ISL84541IPZ Datasheet HTML 5Page - Intersil Corporation ISL84541IPZ Datasheet HTML 6Page - Intersil Corporation ISL84541IPZ Datasheet HTML 7Page - Intersil Corporation ISL84541IPZ Datasheet HTML 8Page - Intersil Corporation ISL84541IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Pinouts (Note 1)
ISL84541 (PDIP, SOIC, MSOP)
TOP VIEW
ISL84541 (SOT-23)
TOP VIEW
ISL84542 (PDIP, SOIC)
TOP VIEW
ISL84542 (SOT-23)
TOP VIEW
ISL84543 (PDIP, SOIC)
TOP VIEW
ISL84543 (SOT-23)
TOP VIEW
ISL84544 (PDIP, SOIC)
TOP VIEW
ISL84544 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NO2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NC1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
6
7
8
5
1
2
3
4
NO
COM
NC
GND
V+
NC
NC
IN
4
5
6
1
2
3
IN
V+
GND
NO
NC
COM
Truth Table
LOGIC
ISL84541 ISL84542
ISL84543
ISL84544
SW 1, 2
SW 1, 2
SW 1
SW 2
PIN NC PIN NO
0
OFF
ON
OFF
ONONOFF
1
ON
OFF
ON
OFF
OFF
ON
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
ISL84541, ISL84542, ISL84543, ISL84544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com