Electronic Components Datasheet Search
  English  ▼

X  

WINCS02UE Datasheet(PDF) 3 Page - Microchip Technology

Part # WINCS02UE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02UE Datasheet(HTML) 3 Page - Microchip Technology

  WINCS02UE Datasheet HTML 1Page - Microchip Technology WINCS02UE Datasheet HTML 2Page - Microchip Technology WINCS02UE Datasheet HTML 3Page - Microchip Technology WINCS02UE Datasheet HTML 4Page - Microchip Technology WINCS02UE Datasheet HTML 5Page - Microchip Technology WINCS02UE Datasheet HTML 6Page - Microchip Technology WINCS02UE Datasheet HTML 7Page - Microchip Technology WINCS02UE Datasheet HTML 8Page - Microchip Technology WINCS02UE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
WINCS02IC and WINCS02 Family
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 3
• Computing, Wi-Fi Dongles, Protocol Bridging
• Internet of Things (IoT) Sensor Tag
• Remote Control
• Wearable Smart Devices
• Industrial Control
Certifications
• WINCS02 Module Certified to FCC, ISED, CE, UKCA, MIC, KCC and NCC Radio Regulations
• RoHS and REACH Compliant
Example Block Diagram
Host MCU
with BLE*
MQTT, DNS, TLS
File System
TCP/IP Stack
WINCS02
Secure Element*
*Optional
SPI
PTA*
I2C*
WPA2/3, Wi-Fi R
Notes: 
1. For more details on the Extreme Deep Sleep (XDS) mode, refer to Extreme Deep Sleep (XDS) Current
Consumption and MPLAB® Harmony WINCS02 WLAN Library.
2. Either the PTA functionality or the RTCC oscillator can be used. For more details, refer to Pin Details of
WINCS02 Module.
3. For more details about the latest supported features, refer to the MPLAB® Harmony WINCS02 WLAN Library
and WINCS02 Application Developer's Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73