Electronic Components Datasheet Search
  English  ▼

X  

WINCS02UE Datasheet(PDF) 60 Page - Microchip Technology

Part # WINCS02UE
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02UE Datasheet(HTML) 60 Page - Microchip Technology

Back Button WINCS02UE Datasheet HTML 56Page - Microchip Technology WINCS02UE Datasheet HTML 57Page - Microchip Technology WINCS02UE Datasheet HTML 58Page - Microchip Technology WINCS02UE Datasheet HTML 59Page - Microchip Technology WINCS02UE Datasheet HTML 60Page - Microchip Technology WINCS02UE Datasheet HTML 61Page - Microchip Technology WINCS02UE Datasheet HTML 62Page - Microchip Technology WINCS02UE Datasheet HTML 63Page - Microchip Technology WINCS02UE Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
WINCS02IC and WINCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 60
RECOMMENDED LAND PATTERN
28-Lead PCB Module (TEC) - 14.73x21.72x2.1 mm Body [MODULE]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With Metal Shield and Coaxial Connector
© 2024 Microchip Technology Inc.
R
Notes:
Keep these areas free from routes and exposed copper. Ground fill with solder mask may be placed here.
2.
All dimensions are in millimeters.
1.
Microchip Technology Drawing C04-23567 Rev C
COPPER KEEPOUT ZONE
10
11
12
13
14
15
16
17
18
19
9
8
7
6
3
4
5
2
1
21 22 23 24 25 26 27 28
28x 0.80
SILKSCREEN
PCB EDGE
Ø2.80
9.67
5.992
1.016
6.27
6.882
20
28X 1.90
2.667
2.667
2.032
3.70
3.70
1.905
3.68
0.216
14.73
21.72
6.861
4.064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73