Electronic Components Datasheet Search
  English  ▼

X  

MAX7403ESA Datasheet(PDF) 4 Page - Analog Devices

Part # MAX7403ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403ESA Datasheet(HTML) 4 Page - Analog Devices

  MAX7403ESA Datasheet HTML 1Page - Analog Devices MAX7403ESA Datasheet HTML 2Page - Analog Devices MAX7403ESA Datasheet HTML 3Page - Analog Devices MAX7403ESA Datasheet HTML 4Page - Analog Devices MAX7403ESA Datasheet HTML 5Page - Analog Devices MAX7403ESA Datasheet HTML 6Page - Analog Devices MAX7403ESA Datasheet HTML 7Page - Analog Devices MAX7403ESA Datasheet HTML 8Page - Analog Devices MAX7403ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX7404/MAX7407 (continued)
(VDD = +3V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, SHDN = VDD, OS = COM, 0.1µF from COM to GND,
fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELLIPTIC (r = 1.5) FILTER CHARACTERISTICS—MAX7400/MAX7404
(VDD = +5V for MAX7400, VDD = +3V for MAX7404; filter output measured at OUT; 10kΩ || 50pF load to GND at OUT; SHDN = VDD;
VCOM = VOS = VDD / 2; fCLK = 100kHz; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
VCLK = 0 or 3V
COSC = 1000pF (Note 4)
V
CONDITIONS
VDD - 0.5
VIH
µA
±15
±30
ICLK
Clock Input Current
kHz
26
34
43
fOSC
Internal Oscillator Frequency
0.5
VIL
Clock Input High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SHDN = GND, CLK driven from 0 to VDD
Operating mode, no load, IN = OS = COM
Measured at DC
µA
0.2
1
I SHDN
mA
2
3.5
IDD
Supply Current
V
2.7
3.6
VDD
Supply Voltage
60
PSRR
Shutdown Current
Power-Supply Rejection Ratio
dB
VDD - 0.5
VSDH
SHDN Input High
V
V SHDN = 0 to VDD
±0.1
±10
SHDN Input Leakage Current
µA
VSDL
0.5
Clock Input Low
SHDN Input Low
V
V
CLOCK
POWER REQUIREMENTS
SHUTDOWN
dB
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
fIN = 0.371fC
-0.20
-0.10
0.20
fIN = 0.737fC
fIN = 0.587fC
-0.20
-0.08
0.20
-0.20
0.02
0.20
fIN = 0.940fC
fIN = 0.868fC
-0.20
-0.03
0.20
fIN = 1.000fC
fIN = 0.988fC
-0.20
0.02
0.25
-0.20
0.09
0.25
-0.20
0.06
0.20
fIN = 1.601fC
fIN = 1.500fC
-84
-78
fIN = 4.020fC
fIN = 2.020fC
-85
-78
Insertion Gain Relative to DC Gain
(Note 5)
-83
-78
-82
-75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com