Electronic Components Datasheet Search
  English  ▼

X  

MAX7403ESA Datasheet(PDF) 7 Page - Analog Devices

Part # MAX7403ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403ESA Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX7403ESA Datasheet HTML 3Page - Analog Devices MAX7403ESA Datasheet HTML 4Page - Analog Devices MAX7403ESA Datasheet HTML 5Page - Analog Devices MAX7403ESA Datasheet HTML 6Page - Analog Devices MAX7403ESA Datasheet HTML 7Page - Analog Devices MAX7403ESA Datasheet HTML 8Page - Analog Devices MAX7403ESA Datasheet HTML 9Page - Analog Devices MAX7403ESA Datasheet HTML 10Page - Analog Devices MAX7403ESA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
_______________________________________________________________________________________
7
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE (MAX7403)
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
B
C
D
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD (MAX7403)
TABLE A. THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE TEST CONDITIONS
AMPLITUDE (Vp-p)
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
RL = 500Ω
RL = 1kΩ
RL = 10kΩ
TRACE
fIN
(Hz)
fC
(kHz)
fCLK
(kHz)
MEASUREMENT
BANDWIDTH (kHz)
A
B
C
2800
2000
1000
14
10
5
1400
1000
500
80
80
80
D
200
1
100
22
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7400/MAX7403, VDD = +3V for MAX7404/MAX7407; VCOM = VOS = VDD / 2; SHDN = VDD; fCLK = 100kHz;
TA = +25°C; unless otherwise noted.)
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD (MAX7404)
AMPLITUDE (Vp-p)
RL = 10kΩ
RL = 1kΩ
RL = 500Ω
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE (MAX7407)
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
A
B
C
D
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD (MAX7407)
AMPLITUDE (Vp-p)
RL = 500Ω
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
RL = 10kΩ
RL = 1kΩ
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE (MAX7404)
AMPLITUDE (Vp-p)
B
NO LOAD
(SEE TABLE A)
C
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com