Electronic Components Datasheet Search
  English  ▼

X  

PCA9537 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9537
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9537 Datasheet HTML 1Page - NXP Semiconductors PCA9537 Datasheet HTML 2Page - NXP Semiconductors PCA9537 Datasheet HTML 3Page - NXP Semiconductors PCA9537 Datasheet HTML 4Page - NXP Semiconductors PCA9537 Datasheet HTML 5Page - NXP Semiconductors PCA9537 Datasheet HTML 6Page - NXP Semiconductors PCA9537 Datasheet HTML 7Page - NXP Semiconductors PCA9537 Datasheet HTML 8Page - NXP Semiconductors PCA9537 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
3 Ordering information
Tamb = -40 °C to +85 °C
Package
Type number Topside
mark
Name
Description
Version
PCA9537DP
9537
TSSOP10
plastic thin shrink small outline package; 10
leads; body width 3 mm
SOT552-1
Table 1. Ordering information
3.1 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9537DP,118 [1]
TSSOP10
REEL 13" Q1/T1
*STANDARD MARK SMD
2500
Tamb = -40 °C to +85 °C
PCA9537DP
PCA9537DPZ
TSSOP10
REEL 13" Q1/T1
*STANDARD MARK
SSB[2]
2500
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Discontinued in 202104010DN - drop in replacement is PCA9537DPZ - this is documented in PCN 2020104008A.
[2]
This packing method uses a Static Shielding Bag (SSB) solution. Material should be kept in the sealed bag between uses.
4 Block diagram
PCA9537
POWER-ON
RESET
002aae634
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
IO0
VSS
4-bit
write pulse
read pulse
IO2
IO1
IO3
LP
FILTER
VDD
INT
RESET
Remark: All I/Os are set to inputs at reset.
Figure 1. Block diagram of PCA9537
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
2 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com