Electronic Components Datasheet Search
  English  ▼

X  

PCA9537 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9537
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9537 Datasheet HTML 7Page - NXP Semiconductors PCA9537 Datasheet HTML 8Page - NXP Semiconductors PCA9537 Datasheet HTML 9Page - NXP Semiconductors PCA9537 Datasheet HTML 10Page - NXP Semiconductors PCA9537 Datasheet HTML 11Page - NXP Semiconductors PCA9537 Datasheet HTML 12Page - NXP Semiconductors PCA9537 Datasheet HTML 13Page - NXP Semiconductors PCA9537 Datasheet HTML 14Page - NXP Semiconductors PCA9537 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
VDD = 2.3 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL = 0.5 V
VDD = 2.3 V
[2] 8
10
-
mA
VDD = 3.0 V
[2] 8
14
-
mA
VDD = 4.5 V
[2] 8
17
-
mA
VOL = 0.7 V
VDD = 2.3 V
[2] 10
13
-
mA
VDD = 3.0 V
[2] 10
19
-
mA
IOL
LOW-level output current
VDD = 4.5 V
[2] 10
24
-
mA
IOH = -8 mA
VDD = 2.3 V
[3] 1.8
-
-
V
VDD = 3.0 V
[3] 2.6
-
-
V
VDD = 4.5 V
[3] 4.1
-
-
V
IOH = -10 mA
VDD = 2.3 V
[3] 1.7
-
-
V
VDD = 3.0 V
[3] 2.5
-
-
V
VOH
HIGH-level output voltage
VDD = 4.5 V
[3] 4.0
-
-
V
IL
leakage current
VI = VDD = VSS
-1
-
+1
μA
Ci
input capacitance
-
5
10
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
3
13
-
mA
IOH
HIGH-level output current
VOL = 0.4 V
-1
-
+1
μA
Select input RESET
VIL
LOW-level input voltage
-0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IL
leakage current
VI = VDD = VSS
-1
-
+1
μA
Table 10. Static characteristics...continued
[1]
VDD must be lowered to 0.2 V in order to reset part.
[2]
Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
[3]
The total current sourced by all I/Os must be limited to 85 mA.
10 Dynamic characteristics
Standard-
mode I2C-bus
Fast-mode I2C-bus
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
μs
Table 11. Dynamic characteristics
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
11 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com