Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4067 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC4067
Description  CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC4067 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4067 Datasheet HTML 1Page - Texas Instruments CD74HC4067 Datasheet HTML 2Page - Texas Instruments CD74HC4067 Datasheet HTML 3Page - Texas Instruments CD74HC4067 Datasheet HTML 4Page - Texas Instruments CD74HC4067 Datasheet HTML 5Page - Texas Instruments CD74HC4067 Datasheet HTML 6Page - Texas Instruments CD74HC4067 Datasheet HTML 7Page - Texas Instruments CD74HC4067 Datasheet HTML 8Page - Texas Instruments CD74HC4067 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
COMMON
I
I
I
I
I
I
I
I
S
S
GND
7
6
5
4
3
2
1
0
0
1
16
17
18
19
20
21
22
23
24
15
14
13
VCC
I
I
9
10
I11
I12
I14
E
S
S
I
I
2
3
8
13
I15
INPUT/OUTPUT
Figure 4-1. N, DW, or DB Packages 24-Pin PDIP, SOIC, or SSOP (Top View)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
COMMON
INPUT/
OUTPUT
1
IO
Common input or output.
I7
2
IO
Switch input/output
I6
3
IO
Switch input/output
I5
4
IO
Switch input/output
I4
5
IO
Switch input/output
I3
6
IO
Switch input/output
I2
7
IO
Switch input/output
I1
8
IO
Switch input/output
I0
9
IO
Switch input/output
S0
10
I
Select/Address pin
S1
11
I
Select/Address pin
GND
12
P
Ground pin
S3
13
I
Select/Address pin
S2
14
I
Select/Address pin
E
15
I
Enable for all switches ON/OFF
I15
16
IO
Switch input/output
I14
17
IO
Switch input/output
I13
18
IO
Switch input/output
I12
19
IO
Switch input/output
I11
20
IO
Switch input/output
I10
21
IO
Switch input/output
I9
22
IO
Switch input/output
I8
23
IO
Switch input/output
VCC
24
P
Power pin
(1)
I = input, O = output, P = Power
CD74HC4067, CD74HCT4067
SCHS209D – NOVEMBER 1998 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74HC4067 CD74HCT4067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com