Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4067 Datasheet(PDF) 13 Page - Texas Instruments

Part # CD74HC4067
Description  CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC4067 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD74HC4067 Datasheet HTML 9Page - Texas Instruments CD74HC4067 Datasheet HTML 10Page - Texas Instruments CD74HC4067 Datasheet HTML 11Page - Texas Instruments CD74HC4067 Datasheet HTML 12Page - Texas Instruments CD74HC4067 Datasheet HTML 13Page - Texas Instruments CD74HC4067 Datasheet HTML 14Page - Texas Instruments CD74HC4067 Datasheet HTML 15Page - Texas Instruments CD74HC4067 Datasheet HTML 16Page - Texas Instruments CD74HC4067 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
15 Analog Test Circuits
Figure 15-1. Frequency Response Test Circuit
Figure 15-2. Sine Wave Distortion Test Circuit
Figure 15-3. Control-to-Switch Feedthrough Noise
Test Circuit
Figure 15-4. Switch Off Signal Feedthrough Test
Circuit
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
t = 6ns
r
t = 6ns
f
90%
Figure 15-5. HC Transition Times and Propagation
Delay Times, Combination Logic
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
t = 6ns
r
t = 6ns
f
90%
Figure 15-6. HCT Transition Times and Propagation
Delay Times, Combination Logic
www.ti.com
CD74HC4067, CD74HCT4067
SCHS209D – NOVEMBER 1998 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CD74HC4067 CD74HCT4067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com