Electronic Components Datasheet Search
  English  ▼

X  

HV9982 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 1 Page - Microchip Technology

  HV9982 Datasheet HTML 1Page - Microchip Technology HV9982 Datasheet HTML 2Page - Microchip Technology HV9982 Datasheet HTML 3Page - Microchip Technology HV9982 Datasheet HTML 4Page - Microchip Technology HV9982 Datasheet HTML 5Page - Microchip Technology HV9982 Datasheet HTML 6Page - Microchip Technology HV9982 Datasheet HTML 7Page - Microchip Technology HV9982 Datasheet HTML 8Page - Microchip Technology HV9982 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-2026 Microchip Technology Inc. and its subsidiaries
DS20005295C-page 1
HV9982
Features
• Switch mode controller for single-switch convert-
ers
• Closed loop control of output current
- Buck
- Boost
- SEPIC
• High PWM dimming ratio
• Internal 40V linear regulator
• Constant frequency operation
• Programmable slope compensation
• Linear and PWM dimming
• +0.2A/-0.4A gate drives for the switching FETs
• Output short circuit protection
• Output over voltage protection
• Hiccup-mode protection
• Analog control of PWM dimming
Applications
• RGB backlight applications
• Multiple string, white-LED driver applications
Description
HV9982 is a three-channel, closed loop, peak-current
mode PWM controller designed to drive a constant out-
put current. It can be used for driving either RGB LEDs
or multiple channels of white LEDs.
HV9982 includes a 40V linear regulator which provides
an 8.0V supply to power the IC. The switching frequen-
cies of the three converters are controlled by an exter-
nal clock signal. The channels operate at a switching
frequency of 1/12th of the external clock frequency and
are positioned 120° out-of-phase to reduce the input
current ripple. Each converter is driven by a peak cur-
rent mode controller with output current feedback.
The three output currents can be individually dimmed
using either linear or PWM dimming. The IC also
includes three disconnect FET drivers, which enable
high PWM-dimming ratios and also help to disconnect
the input in case of an output short-circuit condition.
HV9982 includes a Hiccup-mode protection for both
open LED and short-circuit condition with automatic
recovery when the fault clears.
Three-Channel, Closed-Loop, Switch Mode
LED Drive IC
Obsolete Device


Similar Part No. - HV9982

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982K6-G-M935 MICROCHIP-HV9982K6-G-M935 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results

Similar Description - HV9982

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
CLOSED LOOP CONTROL
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Supertex, Inc
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Shenzhen Putianhe Techn...
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
TM1821 PTH-TM1821 Datasheet
186Kb / 3P
4 channel LED drive control IC
TM1822 PTH-TM1822 Datasheet
179Kb / 3P
8 channel LED drive control IC
TM1823 PTH-TM1823 Datasheet
315Kb / 8P
16 - channel LED drive control IC
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
6 channel LED drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com