Electronic Components Datasheet Search
  English  ▼

X  

HV9982 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV9982 Datasheet HTML 6Page - Microchip Technology HV9982 Datasheet HTML 7Page - Microchip Technology HV9982 Datasheet HTML 8Page - Microchip Technology HV9982 Datasheet HTML 9Page - Microchip Technology HV9982 Datasheet HTML 10Page - Microchip Technology HV9982 Datasheet HTML 11Page - Microchip Technology HV9982 Datasheet HTML 12Page - Microchip Technology HV9982 Datasheet HTML 13Page - Microchip Technology HV9982 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2014-2026 Microchip Technology Inc. and its subsidiaries
DS20005295C-page 10
HV9982
When S1 is high and the HV9982 is operating in the
analog control of PWM dimming mode, the PWM dim-
ming frequency is set by a capacitor connected at the
RAMP pin. The RAMP frequency range is 100Hz-
1.0kHz and the capacitor can be selected as:
When the PWM signal is high, the GATE and FLT pins
are enabled and the output of the transconductance
op-amp is connected to the external compensation net-
work. Thus, the internal amplifier controls the output
current. When the PWMD signal goes low, the output of
the transconductance amplifier is disconnected from
the compensation network. Thus, the integrating
capacitor maintains the voltage across it. The GATE is
disabled, so the converter stops switching and the FLT
pin goes low, turning off the disconnect switch.
The output capacitor of the converter determines the
PWM-dimming response of the converter, because it is
charged and discharged whenever the PWMD signal
goes high or low. In the case of a buck converter, since
the inductor current is continuous, a very small capaci-
tor is used across the LEDs. This minimizes the effect
of the capacitor on the PWM-dimming response of the
converter. However, in the case of a boost converter,
the output current is discontinuous and a very large
output capacitor is required to reduce the ripple in the
LED current. Thus, this capacitor will have a significant
impact on the PWM-dimming response. By turning off
the disconnect switch when PWMD goes low, the out-
put capacitor is prevented from being discharged and
thus the PWM-dimming response of the boost con-
verter Improves dramatically.
Disconnecting the LED load during PWM dimming
causes the energy stored in the inductor to be dumped
into the output capacitor. The filter capacitor should be
chosen large enough so that it can absorb the inductor
energy without significant change to the voltage across it.
3.9
Fault Conditions
The HV9982 is a robust controller which can protect the
LEDs and the LED driver in case of fault conditions.
The HV9982 includes both open LED protection and
output short circuit protection. In both cases, the
HV9982 shuts down and attempts a restart. The hiccup
time can be programmed by a single external capacitor
at the SKIP pin.
During start-up, or when a fault condition is detected,
both GATE and FLT outputs are disabled, the COMP
pins and SKIP pins are pulled to GND. Once the volt-
age at the SKIP pin falls below 0.1V and the fault con-
dition(s) have disappeared, the capacitor at the SKIP
pin is released and is charged slowly by a 10μA current
source. When the capacitor is charged to 5.0V, the
COMP pins are released and GATE and FLT pins are
allowed to turn on. If the hiccup time is long enough, it
will ensure that the compensation networks are all
completely discharged and that the converters start at
minimum duty cycle.
The hiccup timing capacitor can be programmed as:
3.10 Short Circuit Protection
When a short circuit condition is detected (output cur-
rent becomes higher than twice the steady state cur-
rent), the GATE and FLT outputs are pulled low. As
soon as the disconnect FET is turned off, the output
current goes to zero and the short circuit condition dis-
appears. At this time, the hiccup timer is started (Fig.
3). Once the timing is complete, the converter attempts
to restart. If the fault condition still persists, the con-
verter shuts down and goes through the cycle again. If
the fault condition is cleared, due to a momentary out-
put short, the converter will start regulating the output
current normally. This allows the LED driver to recover
from accidental shorts without having to reset the IC.
During short circuit conditions, there are two conditions
that determine the hiccup time.
The first condition is the time required to discharge the
compensation capacitors. Assuming a pole-zero R-C
network at the COMP pin (series combination of RZ
and CZ in parallel with CC),
where n refers to the channel number.
If the compensation networks are only type 1 (single
capacitor), then:
Thus, the maximum compensation time required can
be computed as:
The second condition is the time required for the induc-
tors to completely discharge following a short circuit.
This time can be computed as:
Note:
In the following description of the PWM-
dimming performance the PWMD signals
refer to the internal PWM dimming signal
and not to the signal applied at the PWMD
pins
f HZ
1.0s
CRAMP
-----------------
=
CRAMP
10A tHICCUP
4.9V
---------------------------------------
=
tCOMP n
3 RZn CZn
=
tCOMP n
3 650 CZn
=
tCOMP max
max tCOMP1 tCOMP2 tCOMP3
,
,
=
tIND N
4
--- LN CON
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com