Electronic Components Datasheet Search
  English  ▼

X  

AC4490 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC4490
Description  The fastest way to wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC4490 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC4490 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC4490 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AeroComm’s embedded transparent protocol simplifies the
OEM’s integration process by allowing for drop-in installation.
As each transceiver receives raw data, it manages over-the-
air protocol to assure successful communication. Headers,
data packet length, and CRCs are not needed.
RF232 supports simple cable-replacement to complex peer-
to-peer configurations. Broadcast communication to all trans-
ceivers or address packets to a specific destination using
unique MAC addresses embedded in each transceiver.
RF PROTOCOL MODES
a) Communication
Unicast (one-to-one addressing)
Broadcast (one-to-many addressing)
b) Acknowledgement mode (ACK)
API with hardware and/or software ACK indication
c) One-beacon mode
d) Dynamic radio data table
Retains data from up to 12 transceivers
INTERFACE PROTOCOL
a) On-the-fly transceiver configuration
Destination address
RF transmit power
Co-located servers
RF Channel
Broadcast/addressed
b) Raw data or transmit/receive API
c) 9-bit serial interface mode
d) Long range mode
Enables sensitivity control
e) Generic A/D, D/A generic I/Os
f) Variable baud rate
g) RF packet size, timeout control
h) Onboard temperature sensor
i) Handshaking
CTS/RTS
Full modem-mode available
j) In-range indicator
k) Error detection
Onboard CRC
Duplicate packet filtering
l) Data encryption standard (DES)
Flexible RF Protocol
RF Architectures
Protocol Features
Point-to-point
Point-to-multipoint
Multipoint-to-multipoint
Peer-to-peer
Select features from the list below to identify the
appropriate part number. More product lines are
available for industrial & commercial applications.
Contact AeroComm Sales for details: toll-free
1-800-492-2320, email sales@aerocomm.com.
PART NUMBERS
A C 4 4 9 0 - 2 0 0 M
900MHz transceiver, 3.3V-5.5V, TTL serial*,
5–200mW, –40º to +80º C, MMCX antenna
A C 4 4 9 0 - 2 0 0 A
900MHz transceiver, 3.3V-5.5V, TTL serial*,
5–200mW, –40º to +80º C, integral antenna
A C 4 4 9 0 - 1 0 0 0 M
900MHz transceiver, 3.3V, TTL serial*,
5–1000mW, –40º to +80º C, MMCX antenna
A C 4 4 9 0 - 1 x 1
See AC4490-1x1 datasheet
* RS485 interface available.
Placing Orders
AC4490, Actual Size



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com