Electronic Components Datasheet Search
  English  ▼

X  

AC4490 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC4490
Description  The fastest way to wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC4490 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC4490 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC4490 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact AC4490 900MHz transceivers can replace miles of cable in harsh
industrial environments. Using field-proven FHSS technology that needs no
additional site licensing*, AC4490s reject interference, enable co-located sys-
tem operation, increase output power and maintain data integrity.
AC4490s feature drop-in installation and a number of on-the-fly control com-
mands, providing OEMs with a versatile interface for any application. They
can be used as direct wire replacements, requiring no special host software
for communication. All frequency hopping, synchronization and RF system
data transmission/reception is performed by the transceiver.
AC4490 modules are socket-compatible with AeroComm’s 2.4GHz AC4424
transceivers, enabling OEMs to design once and subsequently interchange
radios to accommodate new markets, regulations and environments.
Developer tools and integration support back every transceiver line. Let
AeroComm help you find the best fit for your application.
• Lowest cost one-watt module available.
• “Long range” mode enables 40 miles.
• High 900MHz data rate: 115.2 Kbps.
• Small form factor: 1.65 x 1.9 inches.
• Operates in –40ºC to +80ºC temperatures.
• Variable output power: 5mW to 1000mW.
Recreation Areas
• Golf cart tracking
• Score keeping
• Order entry
• Irrigation systems
• Grounds maintenance
Utilities Management
• Automatic meter reading
• Load profiling, forecasting
• Data management
• Tampering alerts
• Real-time support
Commercial Buildings
• Security & fire alarms
• Lighting controls
• Surveillance
• Building automation
• HVAC controls
Fleet Telemetry
• Vehicle tracking
• Cargo data
• Weigh scales
• Maintenance logs
• Mapping
PARAMETER
AC4490–200
AC4490–1000
Interface
20-pin mini connector
20-pin mini connector
Frequency (software selectable)
902-928 MHz (U.S)**
902-928 MHz (U.S)**
Modulation
FHSS FSK
FHSS FSK
Serial interface options
3V or 5V TTL
3V TTL
Serial interface data rate
Up to 115.2 Kbps
Up to 115.2 Kbps
Output power (w/ 3dBi antenna)
5mW-200mW variable
5mW-1000mW variable
Power consumption††
68 mA typical
650 mA typical
Channels
Up to 48 (U.S.)**
Up to 32 (U.S.)**
Security
One-byte system ID, DES
One-byte system ID, DES
Voltage
3.3V-5.5V
pin 10: 3.3V-5.5V
pin 11: 3.3V +/-3%
Sensitivity
-110 dB in “long range” mode
-110 dB in “long range” mode
Range
Up to 4 miles (6.5 km)
Up to 20 miles (32 km)
Temperature
-40o to +80ºC
-40o to +80ºC
Humidity (non-condensing)
10% to 90%
10% to 90%
Dimensions
1.90 x 1.65 x 0.20 inches
1.90 x 1.65 x 0.20 inches
(49 x 42 x 5 mm)
(49 x 42 x 5 mm)
Weight
< 0.75 oz (< 21 g)
< 0.75 oz (< 21 g)
Antenna
Integral and external dipole
External dipole
* The 900MHz frequency band is approved in the Americas and Australia as an unlicensed spectrum subject to approval by device.
** For products and specifications suited to non-U.S. countries (e.g. Australia and Europe), please contact AeroComm directly.
†
Although AC4490 radios will not talk to AC4424 radios, socket-compatibility allows for interchanging the modules network-wide.
††
Power consumption assumes 50% transmitter on-time.
Field Surveillance
• SCADA
• Oil & gas
• Water & wastewater
• Tank monitoring
• Activity alarms


Similar Part No. - AC4490

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AC4490 LSTD-AC4490 Datasheet
519Kb / 2P
Lowest cost one-watt module available
AC4490-1X1 LSTD-AC4490-1X1 Datasheet
605Kb / 2P
900MHz Radio Module
More results

Similar Description - AC4490

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA2660N ETC1-CXA2660N Datasheet
54Kb / 2P
Optical Pickup Chipset Achieves the Industrys Fastest CD-R/RW Write Speed
AC4868-250M ETC2-AC4868-250M Datasheet
190Kb / 2P
THE FASTEST WAY TO WIRELESS
LL3-TB01 ETC2-LL3-TB01 Datasheet
1Mb / 16P
Bending light the easy way
SMART-SERVER2 ETC2-SMART-SERVER2 Datasheet
1Mb / 4P
The Smart Way to Save Energy and Lower Operating Co
WS-DIAL ETC2-WS-DIAL Datasheet
479Kb / 11P
Wireless Two-Way Voice Transmission
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
4-way wireless ON-OFFModule
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
8-way wireless ON-OFFModule
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
The kits support use of the Wireless Development Suite
logo
PANDUIT CORP.
VS-AVT-C02-L03 PANDUIT-VS-AVT-C02-L03 Datasheet
3Mb / 8P
VeriSafe??Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
logo
Advanced Micro Devices
MI60 AMD-MI60 Datasheet
6Mb / 2P
Unleash discovery on the world`s fastest double precision pcie accelerator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com