Electronic Components Datasheet Search
  English  ▼

X  

IM00TS Datasheet(PDF) 7 Page - Tyco Electronics

Part # IM00TS
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM00TS Datasheet(HTML) 7 Page - Tyco Electronics

Back Button IM00TS Datasheet HTML 3Page - Tyco Electronics IM00TS Datasheet HTML 4Page - Tyco Electronics IM00TS Datasheet HTML 5Page - Tyco Electronics IM00TS Datasheet HTML 6Page - Tyco Electronics IM00TS Datasheet HTML 7Page - Tyco Electronics IM00TS Datasheet HTML 8Page - Tyco Electronics IM00TS Datasheet HTML 9Page - Tyco Electronics IM00TS Datasheet HTML 10Page - Tyco Electronics IM00TS Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IM Relay
Contact Data
Number of contacts and type
Contact assembly
Contact material
Limiting continuous current at max. ambient temperature
Maximum switching current
Maximum swichting voltage
Maximum switching capacity
Thermoelectric potential
Minimum switching voltage
Initial contact resistance / measuring condition: 10 mA / 20 mV
Electrical endurance
at contact application 0
(£ 30 mV / £ 10 mA)
cable load open end
Resistive load
at 125Vdc / 0.24 A - 30 W
at 220 Vdc / 0.27 A - 60 W
at 250 Vac / 0.25 A - 62.5 VA
at 30 Vdc / 1 A - 30 W
at 30 Vdc / 2 A - 60 W
Mechanical endurance
UL contact ratings
2 changeover contacts
Bifurcated contacts
Palladium-ruthenium, gold-covered
2 A
2 A
220 Vdc
250 Vac
60 W, 62.5 VA
< 10 mV
100 mV
< 50 mW
min. 2.5 x 106 operations
min. 2.0 x 106 operations
min. 5 x 105 operations
min. 1 x 105 operations
min. 1 x 105 operations
min. 5 x 105 operations
min. 1 x 105 operations
typ. 108 operations
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
RF Characteristics
Isolation at 100 / 900 MHz
Insertion loss at 100 / 900 MHz
V.S.W.R. at 100 / 900 MHz
max. 2 pF
max. 2 pF
max. 1 pF
- 37.0 dB / - 18.8 dB
- 0.03 dB / - 0.33 dB
1.06 / 1.49
High Frequency Data
* High Dielectric Version „C“
Insulation
Insulation resistance at 500 VDC
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
Surge voltage resistance
according to Bellcore TR-NWT-001089 (2 / 10 ms)
between coil and contacts
between adjacent contact sets
between open contacts
according to FCC 68 (10 / 160 ms)
between coil and contacts
between adjacent contact sets
between open contacts
> 109 W
> 109 W
1800 Vrms
1800 Vrms
1000 Vrms
1800 Vrms
1000 Vrms
1500 Vrms
2500 V
2500 V
1500 V
2500 V
1500 V
2500 V
2500 V
2500 V
1500 V
2500 V
1500 V
2500 V
Standard Version
High Dielectric Version
Page 7 (12)
108-98001 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com