Electronic Components Datasheet Search
  English  ▼

X  

IM00TS Datasheet(PDF) 5 Page - Tyco Electronics

Part # IM00TS
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM00TS Datasheet(HTML) 5 Page - Tyco Electronics

  IM00TS Datasheet HTML 1Page - Tyco Electronics IM00TS Datasheet HTML 2Page - Tyco Electronics IM00TS Datasheet HTML 3Page - Tyco Electronics IM00TS Datasheet HTML 4Page - Tyco Electronics IM00TS Datasheet HTML 5Page - Tyco Electronics IM00TS Datasheet HTML 6Page - Tyco Electronics IM00TS Datasheet HTML 7Page - Tyco Electronics IM00TS Datasheet HTML 8Page - Tyco Electronics IM00TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5 (11)
108-98001 Rev. D
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Coil
Coil
Relay
Tyco part
voltage
reset voltage
power
Resistance
code
number
Unom
Minimum
Minimum
Maximum
voltage U
min
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Ordering Information
1.5
1.13
4.3
-1.13
100
23
IM40TS
5-1462037-0
3
2.25
8.6
-2.25
100
90
IM41TS
5-1462037-3
4.5
3.38
12.9
-3.38
100
203
IM42TS
5-1462037-6
5
3.75
14.3
-3.75
100
250
IM43TS
5-1462037-8
6
4.50
17.1
-4.50
100
380
IM44TS
6-1462037-1
9
6.75
25.7
-6.75
100
810
IM45TS
3-1462037-2
12
9.00
34.3
-9.00
100
1440
IM46TS
6-1462037-6
24
18.00
48.5
-18.00
200
2880
IM47TS
6-1462037-9
THT Standard latching 1 coil
1.5
1.13
4.3
-1.13
100
23
IM40NS
1-1462038-8
3
2.25
8.6
-2.25
100
90
IM41NS
1-1462038-9
4.5
3.38
12.9
-3.38
100
203
IM42NS
2-1462038-0
5
3.75
14.3
-3.75
100
250
IM43NS
2-1462038-1
6
4.50
17.1
-4.50
100
380
IM44NS
2-1462038-2
9
6.75
25.7
-6.75
100
810
IM45NS
2-1462038-3
12
9.00
34.3
-9.00
100
1440
IM46NS
2-1462038-4
24
18.00
48.5
-18.00
200
2880
IM47NS
2-1462038-5
THT Narrow latching 1 coil
1.5
1.13
4.3
-1.13
100
23
IM40JR
5-1462037-2
3
2.25
8.6
-2.25
100
90
IM41JR
5-1462037-5
4.5
3.38
12.9
-3.38
100
203
IM42JR
5-1462037-7
5
3.75
14.3
-3.75
100
250
IM43JR
6-1462037-0
6
4.50
17.1
-4.50
100
380
IM44JR
6-1462037-3
9
6.75
25.7
-6.75
100
810
IM45JR
6-1462037-5
12
9.00
34.3
-9.00
100
1440
IM46JR
6-1462037-8
24
18.00
48.5
-18.00
200
2880
IM47JR
7-1462037-1
SMT J-Legs latching 1 coil
1.5
1.13
4.3
-1.13
100
23
IM40GR
5-1462037-1
3
2.25
8.6
-2.25
100
90
IM41GR
5-1462037-4
4.5
3.38
12.9
-3.38
100
203
IM42GR
3-1462037-1
5
3.75
14.3
-3.75
100
250
IM43GR
5-1462037-9
6
4.50
17.1
-4.50
100
380
IM44GR
6-1462037-2
9
6.75
25.7
-6.75
100
810
IM45GR
6-1462037-4
12
9.00
34.3
-9.00
100
1440
IM46GR
6-1462037-7
24
18.00
48.5
-18.00
200
2880
IM47GR
7-1462037-0
SMT Gull Wings latching 1 coil
3
2.40
8.7
0.30
100
91
IM11GR
9-1462038-5
4.5
3.60
13.1
0.45
100
194
IM12GR
0-1462039-3
5
4.00
14.6
0.50
100
238
IM13GR
0-1462039-4
12
9.60
35.0
1.20
110
1315
IM16GR
0-1462039-5
24
19.20
57.8
2.40
140
4120
IM17GR
0-1462039-6
SMT Gull Wings non-latching 1 coil
High Sensitive Version
IM Relay
5
3.75
14.3
-3.75
100
250
IM43CGR
9-1462038-7
SMT Gull Wings latching 1 coil
High Dielectric Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com