Electronic Components Datasheet Search
  English  ▼

X  

L6917B Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 25Page - STMicroelectronics L6917B Datasheet HTML 26Page - STMicroelectronics L6917B Datasheet HTML 27Page - STMicroelectronics L6917B Datasheet HTML 28Page - STMicroelectronics L6917B Datasheet HTML 29Page - STMicroelectronics L6917B Datasheet HTML 30Page - STMicroelectronics L6917B Datasheet HTML 31Page - STMicroelectronics L6917B Datasheet HTML 32Page - STMicroelectronics L6917B Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31/33
L6917B
Part List
R1
10k
SMD 0805
R2, R9
Not Mounted
SMD 0805
R3, R6
1.3k
1%
SMD 0805
R4, R5
390
1%
SMD 0805
R7
75
1%
SMD 0805
R8
750
SMD 0805
R10
82
SMD 0805
R12 to R15
2.2
SMD 0805
R16, R17, R18
0
SMD 0805
R19
300
1%
SMD 0805
R20
390
1%
SMD 0805
ROSC
1.3M
1%
SMD 0805
C1
Not Mounted
SMD 0805
C2
220n
SMD 0805
C3, C4
100n
Ceramic
SMD 0805
C5, C6, C7, C8
1
µ
Ceramic
SMD 1206
C9, C10
10
µ
Ceramic
SMD 1206
C11 to C13
100
µ/ 20V
OSCON 20SA100M
Radial 10x10.5
C14,C16,C18,C20,C22
2200
µ/16V
SANYO
Radial 10x23
L1, L2
2.8
µ
77121 Core – 9 Turns
U1
L6917B
STMicroelectronics
SO28
Q1,Q1a,Q2, Q3,Q3a,Q4
STB90NF03L
STMicroelectronics
D2PACK
D1, D2
STPS340U
STMicroelectronics
SMB
D3, D4
1N4148
STMicroelectronics
SOT23
DZ1
Not Mounted
Minimelf
Figure 28. System Efficiency for a 12V/3.3V
Application (fosc = 200kHz)
Figure 29. Load Transient Response: 0A to 35A
@ 1A/
µs
88
89
90
91
92
93
0
5
10
15
20
25
30
35
40
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com