Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-412SS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # MQDEC-412SS
Description  Dew Point Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-412SS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  MQDEC-412SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Original Instructions
September 26, 2023
p/n: 235396 Rev. A
S24 Dew Point Sensor
•
•
•
•
 
S24 Features
The S24 Dew Point Sensor monitors compressed air quality to help prevent damage to equipment and manufactured goods.
Monitors dew point, humidity, and temperature in a compressed air system
Stainless steel housing with an integrated 1/2 NPT process connection
Provides serial data output for use in a control system
Installs in the main distribution line or downstream line
S24 Models
Model
Function
Connector
S24AS-D-MQP
Dew point sensor with Modbus
Process connection: One 1/2" Male NPT
12-inch cable with a molded 4-pin M12 quick disconnect connector
Configuration Instructions
Sensor Configuration Software
The Sensor Configuration Software offers an easy way to manage the sensor Modbus settings, retrieve data, and visually show sensor data.
The Sensor Configuration Software runs on any Windows machine and uses an adapter cable (BWA-UCT-900, p/n 19970) to connect the
sensor to the computer. 
Download the most recent version of the Sensor Configuration Software from the Banner Engineering website: https://
info.bannerengineering.com/cs/groups/public/documents/software/b_3128586.exe. 
S24 Modbus Registers
Sensor Data - Read Only
Sensor Address 
Description 
I/O Range 
Holding Register Registration 
Min Value 
Max Value 
Min (Dec) 
Max (Dec) 
40001 
Humidity (%RH) 
0 
100% 
0 
10000 
40002 
Temperature (°C) 
-1638.4 
1638.3 
-32768 
32767 
40003 
Temperature (°F) 
40004 
Dew Point (°C) 
40005 
Dew Point (°F) 
The temperature = (Modbus register value) ÷ 20. The humidity = (Holding register value) ÷ 100. The dew point = (Holding register value) ÷
100.
COMs Settings
Sensor Address 
 Description 
 I/O Range 
 Comments 
 Default 
 Access 
 40601 
 Baud Rate 
0 = 9.6k
1 = 19.2k
2 = 38.4k
0 = 9600
1 = 19200
2 = 38400
 1 
 RW 
Continued on page 2
© Banner Engineering Corp.


Similar Part No. - MQDEC-412SS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
520Kb / 8P
K50 Pro Touch Button with IO-Link
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
553Kb / 4P
In-Line Motion Detector
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
751Kb / 6P
EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
MQDEC-412SS BANNER-MQDEC-412SS Datasheet
1Mb / 8P
WLC60 Heavy Duty LED Light - PWM Dimmable
More results

Similar Description - MQDEC-412SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDS05 ETC-MDS05 Datasheet
84Kb / 2P
Dew sensor
MDS10 ETC-MDS10 Datasheet
73Kb / 2P
Dew sensor
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
logo
PLASTIC PROCESS EQUIPME...
8072A PPE-8072A Datasheet
1Mb / 20P
Portable Dew Point Monitor
February 2017
logo
Vaisala
DMP8 VAISALA-DMP8 Datasheet
544Kb / 3P
DMP8 Dew Point and Temperature Probe
DMT152 VAISALA-DMT152 Datasheet
200Kb / 2P
DMT152 Dew Point Transmitter
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
DPT146 Dew Point and Pressure Transmitter
logo
E+E Elektronik Ges.m.b....
EE354 EPLUSE-EE354 Datasheet
1Mb / 8P
Dew Point Sensor down to -20 °C Td (-4 °F Td)
07-2023
EE355 EPLUSE-EE355 Datasheet
936Kb / 8P
Dew Point Sensor down to -60 °C Td (-76 °F Td)
07-2023
EE371 EPLUSE-EE371 Datasheet
1Mb / 9P
Compact Dew Point Sensor
06-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com