Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-412SS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # MQDEC-412SS
Description  Dew Point Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-412SS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  MQDEC-412SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-412SS Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S24 Dew Point Sensor
September 26, 2023
page 3
 
•
•
•
•
•
•
•
•
•
•
Humidity
Measuring Range: 0 to 100% relative humidity (RH)
Resolution: 0.1% RH
Accuracy:
± 2% at 25 °C
± 3% at 0 °C to +70 °C (+32 °F to +158 °F) and 10% 
to 90% RH
± 7% at 0 °C to +70 °C (+32 °F to +158 °F), and 0%
to 10% or 90% to 100% RH
Temperature
Measuring Range: –40 °C to +85 °C (–40 °F to +185 °F)
Resolution: 0.1 °C (32.18 °F)
Accuracy:
-40 °C to 0 °C (-40 °F to +32 °F): ± 0.8 °C (± 1.5 °F)
0 °C to +60 °C (+32 °F to +140 °F): ± 0.7 °C (± 1 °F)
+60 °C to +85 °C (+140 °F to +185 °F): ± 1.3 °C (±
2.2 °F)
Operating Conditions
Temperature:  –40 °C to +70 °C (–40 °F to +158 °F)
Storage Temperature: –40 °C to +80 °C (–40 °F to +176 °F)
Operating Pressure: 1 to 13 bar (14.5 to 188 PSIG)
Permissible Over Pressure: 27.58 bar (400 PSIG)
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in
accordance with local and national
electrical codes and regulations. 
Overcurrent protection is required to be provided by end
product application per the supplied table. 
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to Key definition for
"{keyrefName}" not found in the DITA map.. 
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5
Certifications
Banner Engineering BV
Park Lane, Culliganlaan 2F bus 3
1831 Diegem, BELGIUM
Product Identification
FCC Part 15 Class B
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15 of the FCC Rules. These
limits are designed to provide reasonable protection against harmful interference in a residential installation. This equipment generates, uses
and can radiate radio frequency energy and, if not installed and used in accordance with the instructions, may cause harmful interference to
radio communications. However, there is no guarantee that interference will not occur in a particular installation. If this equipment does cause
harmful interference to radio or television reception, which can be determined by turning the equipment off and on, the user is encouraged to
try to correct the interference by one or more of the following measures:
Reorient or relocate the receiving antenna. 
Increase the separation between the equipment and receiver. 
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected. 
Consult the dealer or an experienced radio/TV technician for help. 
Industry Canada ICES-003(B)
This device complies with CAN ICES-3 (B)/NMB-3(B). Operation is subject to the following two conditions: 1) This device may not cause
harmful interference; and 2) This device must accept any interference received, including interference that may cause undesired operation.  
Cet appareil est conforme à la norme NMB-3(B). Le fonctionnement est soumis aux deux conditions suivantes : (1) ce dispositif ne peut pas
occasionner d'interférences, et (2) il doit tolérer toute interférence, y compris celles susceptibles de provoquer un fonctionnement non
souhaité du dispositif. 
© Banner Engineering Corp. All rights reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com