Electronic Components Datasheet Search
  English  ▼

X  

TS-30 Datasheet(PDF) 2 Page - Utica Tools

Part # TS-30
Description  Utica® Torque Limiting Screwdrivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTICA [Utica Tools]
Direct Link  
Logo UTICA - Utica Tools

TS-30 Datasheet(HTML) 2 Page - Utica Tools

  TS-30 Datasheet HTML 1Page - Utica Tools TS-30 Datasheet HTML 2Page - Utica Tools TS-30 Datasheet HTML 3Page - Utica Tools TS-30 Datasheet HTML 4Page - Utica Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9
8
Utica® Torque Limiting Screwdrivers
Standard Models
Utica® Torque Limiting Screwdrivers
Standard Model Accessories & Kits
s Standard product calibrated right hand only. Left hand
calibration on request.
s Choice of adjustable models with precision micrometer
scale or factory preset models.
s U.S. Standard or metric scales
s Precision micrometer scale (adjustable models)
calibrated in inch-ounces or inch-pounds.
Metric models: cm-kg.
s Easy-release bit holders securely retain bits during
operation while permitting easy removal.
s Anti-backlash design for repeatability.
s Meets or exceeds ASME B107.14M and
ISO 6789 specifications.
s Adjustable model accuracy is ±6% of setting, starting
at 20% of full scale to full scale. Right hand only.
TS-30
TS-SN-1
Cap
Set
Flathead
Hex
Screw
Screw
Screw
Part No.
Size
Size
Size
Size
185-000X
050
0
3,4
1,2
185-00X
1/16
1
5,6
3,4
185-0X
5/64
2,3
8
5,6
185-1X
3/32
4,5
10
8
185-9X
7/64
6-
-
185-2X
1/8
-
1/4
10
185-10X
9/64
8-
-
185-3X
5/32
10
5/16
1/4
185-4X
3/16
1/4
3/8
-
Hex Bits
Part No.
Point Size
Screw Size
446-0X
0
0,1
446-1X
1
2,3,4
446-2X
2
5,6,7,8,10
440-3X
3
12,14
Phillips Bits
Blade
Blade
Screw
Part No.
Width
Thickness
Size
445-00X
.134
.028
2,3
445-0X
.155
.030
3,4
445-10X
.185
.034
4,5
445-20X
.214
.036
5,6
445-30X
.250
.040
6,8
Screwdriver Bits
Square Drive Adapter
Part No.
Description
44-71-B
1/4 Hex to 1/4 Square.
Bit Holders
SAE Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening (in.)
1108
1/4
1/4
1110
1/4
5/16
1112
1/4
3/8
1114
1/4
7/16
Metric Size Sockets
Part
Square
Hex
No.
Dr. (in.) Opening(mm)
6mm11
1/4
6mm
7mm11
1/4
7mm
8mm11
1/4
8mm
10mm11
1/4
10mm
Square
Female
Part No.
Drive (in.)
Hex (in.)
825
1/4
1/4
M-825
1/4
1/4
Magnetic
Miniature Bit Holders
Part No.
Description
HW-19
To adapt miniature accessories for use in standard
models. See page 11 for accessories.
Collar
Weight
Model No.
Range
Color Increments
Hex Drive
lbs.
kg.
U.S. Standard
TS-100
20–100 in.-oz. Black
2 in.-oz. 1/4 Female .50
.23
TS-30
6–30 in.-lb.
Red
1 in.-lb.
1/4 Female .50
.23
TS-35
6–36 in.-lb.
Blue
1 in.-lb.
1/4 Female .50
.23
Metric
TS-3M*
.7–3.5 Nm
Gold
.1 Nm
1/4 Female .50
.23
Adjustable Models
Range
Hex
Model No.
in.-oz.
in.-lb.
Nm
cm-kg
Drive
TS-SN-1
20–150
1.5–10
.15–1.1
1.5–12
1/4 Female
TS-SN-2
128–640
8–40
1–4.5
9–45
1/4 Female
Kit No. KT-100
Range 20-100 in.-oz.
20 piece
Qty.
Description
1
Adj. torque screwdriver 1/4" fm. hex
1
Torque screwdriver bld. .000
1
Torque screwdriver bld. .100
1
Hex socket 3/32"
1
Hex socket 7/64"
1
Hex key .028
1
Hex key .035
1
Screwdriver hex bit .050
1
Screwdriver hex bit 1/16"
1
Screwdriver hex bit 5/64"
1
Screwdriver bld. torque screw
SZ. 2, 3
1
Screwdriver bld. torque screw
SZ. 4, 5
1
Phillips bld. torque screw
SZ. 0, 1
1
Phillips bld. torque screw
SZ. 2, 3, 4
1
Adapter 1/4" drive
1
Bit holder mini. torque
1
1/4" Dr. reg. socket 1/8"
1
1/4" Dr. reg. socket 3/16"
1
Plas/case
1
Insert
Kit No. KT-30
Range 6 to 30 in.-lb.
24 piece
Kit No. KT-130
Range 20 in.-oz. to 30 in.-lb.
43 piece
Kit KT-130
Qty.
Description
1
Adj. torque screwdriver 1/4" fm. hex
1
Torque screwdriver bld. .100
1
Hex socket 7/64"
1
Hex key .035
1
Screwdriver hex bit .050
1
Screwdriver hex bit 1/16"
1
Screwdriver hex bit 5/64"
1
Screwdriver hex bit 3/32"
1
Screwdriver hex bit 1/8"
1
Screwdriver hex bit 5/32"
1
Screwdriver bld. torque screw SZ. 2, 3
1
Screwdriver bld. torque screw SZ. 4, 5
1
Screwdriver bld. torque screw SZ. 5, 6
1
Screwdriver bld. torque screw SZ. 6, 8
1
Phillips bld. torque screw SZ. 0, 1
1
Phillips bld. torque screw SZ. 2, 3, 4
1
Adapter 1/4” drive
1
Bit holder mini. torque
1
1/4” Dr. reg. socket 1/8”
1
1/4” Dr. reg. socket 3/16”
1
1/4” Dr. reg. socket 1/4”
1
1/4” Dr. reg. socket 5/16”
1
Plas/case
1
Insert
Qty.
Description
1
Adj. torque screwdriver 1/4" fm. hex
1
Adj. torque screwdriver 1/4" fm. hex
1
Torque screwdriver bld. .080
2
Torque screwdriver bld. .100
1
Hex socket 3/32"
2
Hex socket 7/64"
1
Hex key .028
2
Hex key .035
2
Screwdriver hex bit .050
2
Screwdriver hex bit 1/16"
2
Screwdriver hex bit 5/64"
1
Screwdriver hex bit 3/32"
1
Screwdriver hex bit 1/8"
1
Screwdriver hex bit 5/32"
2
Screwdriver bld. torque screw SZ. 2, 3
2
Screwdriver bld. torque screw SZ. 4, 5
1
Screwdriver bld. torque screw SZ. 5, 6
1
Screwdriver bld. torque screw SZ. 6, 8
2
Phillips bld. torque screw SZ. 0, 1
2
Phillips bld. torque screw SZ. 2, 3, 4
1
Phillips bld. torque screw SZ. 4, 6, 7, 8, 10
2
Adapter 1/4" drive
2
Bit holder mini. torque
1
1/4" Dr. reg. socket 1/8"
1
1/4" Dr. reg. socket 5/32"
2
1/4" Dr. reg. socket 3/16"
1
1/4" Dr. reg. socket 1/4"
1
1/4" Dr. reg. socket 5/16"
1
Plas/case
1
Insert
CAUTION: 1. Under normal use, periodic recalibration may be necessary to ensure accurate readings and applied torque.
2. FOR EXTENDED SPRING LIFE, RETURN TO LOWEST SETTING AFTER EACH USE.
If calibration certification is required, request at time of purchase (extra charge).
If calibration certification is required, request at time of purchase (extra charge).
NOTE: When oredering preset tools, specify desired torque setting.
Preset Models (Preset models are designed for highly repetitive assembly line operations.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com