Electronic Components Datasheet Search
  English  ▼

X  

TS-30 Datasheet(PDF) 4 Page - Utica Tools

Part # TS-30
Description  Utica® Torque Limiting Screwdrivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTICA [Utica Tools]
Direct Link  
Logo UTICA - Utica Tools

TS-30 Datasheet(HTML) 4 Page - Utica Tools

  TS-30 Datasheet HTML 1Page - Utica Tools TS-30 Datasheet HTML 2Page - Utica Tools TS-30 Datasheet HTML 3Page - Utica Tools TS-30 Datasheet HTML 4Page - Utica Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Inserting and Removing Bits
Recalibration of the Utica
If calibration is not correct,
adjust screwdriver to
achieve an output equal to
that shown in step 1.
Turn adjusting knob to
equal setting of measured
torque output.
Torque output should
equal the reading on the
tester within ±4%.
Recheck the screwdriver
with the maximum
setting.
Recheck the setting
shown in step 2.
1
Adjust to the min.
torque output.
TS-30 = 6 LBS-IN
TS-30CM = 5 CM-KG
TS-35 = 6 LBS-IN
TS-100 = 20 OZ-IN.
Set screwdriver to
maximum output.
TS-30 = 30 LBS-IN
TS-30CM = 30 CM-KG
TS-35 = 35 LBS-IN
TS-100 = 100 OZ-IN
-
+
2
3
4
5
6
7
8
9
10
11
1
2
1
2
3
Turn clockwise to
increase and
counter-clockwise
to decrease the
maximum torque
setting
Proper Calibration equipment is required to ensure accuracy!
For torque certification
return to your nearest
sales and service
center



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com