Electronic Components Datasheet Search
  English  ▼

X  

3232E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 3232E
Description  High ESD-Protected, Low Power, 3.0V to 5.5V, Single Supply RS-232 Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3232E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  3232E Datasheet HTML 1Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 2Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 3Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 4Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 5Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 6Page - List of Unclassifed Manufacturers 3232E Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Operating Characteristics
Anasys Semiconductor, Inc.
MAX3222/3232 Datasheet Rev. 0.1 , Sept
Page 5 of 7
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3kΩ and CL, TA
= +25°C, unless otherwise noted.)
UM3222E/3232E
TRANSMITTER OUTPUT VOLTAGE
VS.LOAD CAPACITANCE
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE
(pF)
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
UM3222E/3232E
SLEW RATE VS.LOAD CAPACITANCE
0
2
4
6
8
10
12
14
16
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE
(pF)
UM3222E/3232E
OPERATION SUPPLY CURRENT
VS.LOAD CAPACITANCE
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE
(pF)
Typical Operating Circuits
+3.3V
C1
2
4
C1+
C1-
C2
C2+
C2-
5
6
17
VCC
V+
V-
3
7
C3
C4
UNION
MAX3222E
CBYPASS
11
12
13
10
1
15
8
14
9
18
16
GND
T1IN
T2IN
T1OUT
T2OUT
R1IN
R2IN
R1OUT
R2OUT
EN
SHDN
+3.3V
C1
1
3
C1+
C1-
C2
C2+
C2-
4
5
16
VCC
V+
V-
2
6
C3
C4
UNION
MAX3232E
CBYPASS
10
11
12
9
14
7
13
8
15
GND
T1IN
T2IN
T1OUT
T2OUT
R1IN
R2IN
R1OUT
R2OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com