Electronic Components Datasheet Search
  English  ▼

X  

MAX3243 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3243
Description  1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3243 Datasheet HTML 1Page - Maxim Integrated Products MAX3243 Datasheet HTML 2Page - Maxim Integrated Products MAX3243 Datasheet HTML 3Page - Maxim Integrated Products MAX3243 Datasheet HTML 4Page - Maxim Integrated Products MAX3243 Datasheet HTML 5Page - Maxim Integrated Products MAX3243 Datasheet HTML 6Page - Maxim Integrated Products MAX3243 Datasheet HTML 7Page - Maxim Integrated Products MAX3243 Datasheet HTML 8Page - Maxim Integrated Products MAX3243 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
V+ (Note 1) ...............................................................-0.3V to +7V
V- (Note 1) ...............................................................+0.3V to -7V
V+ +
|V-| (Note 1).................................................................+13V
Input Voltages
T_IN, FORCEOFF, FORCEON, EN (MAX3223) ......-0.3V to +6V
R_IN ...................................................................................±25V
Output Voltages
T_OUT.............................................................................±13.2V
R_OUT, INVALID ......................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT ......................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C) ...........571mW
16-Pin TSSOP (derate 6.70mW/°C above +70°C) .........533mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ...........640mW
20-Pin TSSOP DIP (derate 7.00mW/°C above +70°C).....559mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) ............1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) ...........762mW
28-Pin TSSOP (derate 8.70mW/°C above +70°C) .........696mW
Operating Temperature Ranges
MAX32_ _C_ _.......................................................0°C to +70°C
MAX32_ _E_ _ ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
IOUT = 1.6mA
Receivers disabled
T_IN, EN, FORCEON, FORCEOFF
T_IN, EN, FORCEON, FORCEOFF
T_IN, FORCEON, FORCEOFF, EN (MAX3223)
IOUT = -1.0mA
CONDITIONS
V
VCC - 0.6
VCC - 0.1
Output Voltage High
V
0.4
Output Voltage Low
µA
±0.05
±10
Output Leakage Current
µA
±0.01
±1.0
Input Leakage Current
V
2.4
Input Logic Threshold High
µA
1.0
10
V
0.8
Input Logic Threshold Low
UNITS
MIN
TYP
MAX
PARAMETER
VCC = 3.3V
VCC = 5.0V
2.0
Supply Current, AutoShutdown
Supply Current, Shutdown
µA
1.0
10
Supply Current,
AutoShutdown Disabled
VCC = 3.3V
or 5.0V,
TA = +25°C
mA
0.3
1.0
2.7
Receiver Positive or Negative
Threshold to INVALID High (tINVH)
Figure 5
µs
1
Receiver Threshold to
Transmitters Enabled (tWU)
Figure 5
µs
250
Receiver Positive or Negative
Threshold to INVALID Low (tINVL)
Figure 5
µs
30
Receiver Input Thresholds to
Transmitters Enabled
Figure 5
V
-2.7
INVALID Output Voltage Low
IOUT = 1.6mA
V
0.4
Receiver Input Thresholds to
Transmitters Disabled
1µA supply current, Figure 5
V
-0.3
0.3
Positive threshold
Negative threshold
INVALID Output Voltage High
IOUT = -1.0mA
V
VCC - 0.6
DC CHARACTERISTICS
LOGIC INPUTS AND RECEIVER OUTPUTS
AUTOSHUTDOWN (FORCEON = GND, FORCEOFF = VCC)
All R_IN open, FORCEON = GND,
FORCEOFF = VCC
FORCEOFF = GND
FORCEON = FORCEOFF = VCC,
no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com