Electronic Components Datasheet Search
  English  ▼

X  

MAX3243 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3243
Description  1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3243 Datasheet HTML 2Page - Maxim Integrated Products MAX3243 Datasheet HTML 3Page - Maxim Integrated Products MAX3243 Datasheet HTML 4Page - Maxim Integrated Products MAX3243 Datasheet HTML 5Page - Maxim Integrated Products MAX3243 Datasheet HTML 6Page - Maxim Integrated Products MAX3243 Datasheet HTML 7Page - Maxim Integrated Products MAX3243 Datasheet HTML 8Page - Maxim Integrated Products MAX3243 Datasheet HTML 9Page - Maxim Integrated Products MAX3243 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
6
_______________________________________________________________________________________
RS-232 Receivers
The MAX3221/MAX3223/MAX3243’s receivers convert
RS-232 signals to CMOS-logic output levels. All
receivers have one inverting three-state output. In shut-
down (FORCEOFF = low) or in AutoShutdown, the
MAX3221/MAX3223’s receivers are active (Table 1).
Driving EN high places the receiver(s) in a high-imped-
ance state. The MAX3243’s receivers are high imped-
ance when the part is shut down.
The MAX3243 has an always-active complementary
output (R2OUTB). R2OUTB is an extra output that mon-
itors receiver activity while the other receivers are high
impedance. This allows Ring Indicator to be monitored
without forward biasing other devices connected to the
receiver outputs. This is ideal for systems where VCC is
set to 0V in shutdown to accommodate peripherals,
such as UARTs (Figure 2).
MAX3243
I/O
CHIP
WITH
UART
CPU
RS-232
POWER
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
FORCEOFF
FORCEON
INVALID
MAX3243
T1OUT
R2OUTB
Tx
5kΩ
UART
VCC
T1IN
THREE-STATED
LOGIC
TRANSITION
DETECTOR
R2IN
PROTECTION
DIODE
R2OUT
FORCEOFF = GND
VCC
TO
µP
Rx
PREVIOUS
RS-232
Tx
UART
SHDN = GND
VCC
VCC
GND
Rx
5kΩ
(a) OLDER RS-232: POWERED-DOWN UART DRAWS CURRENT FROM ACTIVE
RECEIVER OUTPUT IN SHUTDOWN.
(b) NEW MAX3243: IN SHUTDOWN, R2OUTB IS USED TO MONITOR EXTERNAL
DEVICES AND R2OUT IS THREE STATED, ELIMINATING A CURRENT PATH
THROUGH THE UART'S PROTECTION DIODE.
GND
PROTECTION
DIODE
I
I
Figure 1. Interface Under Control of PMU
Figure 2. The MAX3243 detects RS-232 activity when the
UART and interface are shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com