Electronic Components Datasheet Search
  English  ▼

X  

2SC5638 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5638
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5638 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5638 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5638
No.6466–2/4
Switching Time Test Circuit
+
+
50
Ω
INPUT
OUTPUT
VR
RB
RL=25Ω
VCC=200V
100
µF
470
µF
VBE=--2V
PW=20
µs
D.C.
≤1%
IB1
IB2
VCE(sat) -- IC
hFE -- IC
6
4
2
14
8
10
12
0
7
2
3
5
7
2
3
5
7
10
1.0
5
3
2
0.1
7
5
5
3
2
1.0
7
3
2
4
6
8
10
12
14
16
0
0
1
2
3
4
5
6
7
8
9
10
7
23
5
7 1.0
0.1
23
23
57
10
7 0.1
23
5
7 1.0
23
5
7
10
23
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC -- VCE
IC / IB=5
IC -- VBE
IT01763
IT01764
IT01765
IT01766
IB=0
2.0A
1.8A
1.6A
1.4A 1.2A
1.0A
0.2A
0.4A
0.6A
0.8A
VCE=5V
VCE=5V
Ta=120°C
25°C
--40°C
2
10
7
Ta=--40
°C
25
°C
120°C
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Collector Current, IC –A
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
2
1
=
B
A
3
=
5V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
)
t
a
s
(IC
I
,
A
2
1
=
B
A
3
=5
.
1V
e
m
i
T
e
g
a
r
o
t
St g
t
s
IC
I
,
A
8
=
1
B
I
,
A
6
.
1
=
2
B
A
2
.
3
–
=
0
.
3s
µ
e
m
i
T
ll
a
Ftf
IC
I
,
A
8
=
1
B
I
,
A
6
.
1
=
2
B
A
2
.
3
–
=
2
.
0s
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com