Electronic Components Datasheet Search
  English  ▼

X  

2SC5638 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5638
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5638 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5638 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5638 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5638
No.6466–3/4
R.B A S O
F.B A S O
0
20
40
60
80
100
120
140
160
SW Time -- IC
SW Time -- IB2
0
0.4
1.2
0.8
1.6
2.0
2.8
2.4
3.2
PC -- Ta
IT01767
IT01768
IT01769
IT01770
IT01771
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
5
7
2
3
5
7
0.1
2
3
5
7
1.0
7 0.1
2
3
5
7 1.0
2
3
5
7
10
2
3
tstg
tf
VCC=200V
IC=8A
IB1=1.6A
R load
7
0.1
2
35
7
2
35
7
1.0
10
tstg
2
3
5
7
2
0.1
1.0
3
5
7
10
7
2
3
5
7
2
3
2
0.1
5
7
2
3
1.0
5
7
3
5
7
2
10
35 7 10
23
5 7 100
22
35 7 1000
P
C =95W
2
3
0.1
5
7
2
1.0
3
5
7
3
5
7
2
10
L=500
µH
IB2=--3A
Tc=25
°C
Single pulse
100
23
5
7
1000
2
3
3.0
0
20
40
60
80
100
120
140
160
0
20
60
80
95
40
100
PC -- Tc
IT01772
IC=15A
ICP=35A
Collector Current, IC –A
Base Current, IB2 –A
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com