Electronic Components Datasheet Search
  English  ▼

X  

WLS02 Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # WLS02
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLS02 Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  WLS02 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
184 Rectangular Power Connectors
RECTANGULAR
Standard Rectangular Power Connectors
Rectangular Power Connector Male
PX0100
2, 3, 4, 6, 8 & 12 poles
Male housing
Socket contacts
Available in Grey and Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
2
3
3
4
4
6
6
8
12
-
-
-
-
-
-
-
-
A
A
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Grey
Grey
Additional
-
-
-
-
-
-
-
-
-
-
PX0100S02BK
PX0100S02GY
PX0100S03BK
PX0100S03GY
PX0100S04BK
PX0100S04GY
PX0100S06BK
PX0100S06GY
PX0100S08AGY
PX0100S12AGY
Rectangular Power Connector Male -
ESR
PX0102
2 poles
Male housing
Enhanced seal retention
Socket contacts
Available in Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
-
Crimp
Black
Additional
ESR
PX0102S02BK
Rectangular Power Connector Male -
ESR & PEC
PX0103
2 poles
Male housing
Enhanced seal retention &
protective end cap
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
2
-
Crimp
Grey
Additional
ESR & PEC
PX0103S02GY
Rectangular Power Connector Male -
ESR & SBA
PX0104
2 poles
Male housing
Enhanced seal retention &
shrink boot adapter
Socket contacts
Available in Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
-
Crimp
Black
Additional
ESR & SBA
PX0104S02BK



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com