Electronic Components Datasheet Search
  English  ▼

X  

WLS02 Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # WLS02
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLS02 Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  WLS02 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLS02 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rectangular Power Connectors 185
Rectangular Power Connector Male -
PEC
PX0105
2, 3, 4, 6, 8 & 12 poles
Male housing
Protective end cap
Socket contacts
Available in Grey and Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
2
3
3
4
4
6
6
8
8
12
12
-
-
-
-
-
-
-
-
A
A
A
A
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Grey
Black
Additional
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PX0105S02BK
PX0105S02GY
PX0105S03BK
PX0105S03GY
PX0105S04BK
PX0105S04GY
PX0105S06BK
PX0105S06GY
PX0105S08ABK
PX0105S08AGY
PX0105S12AGY
PX0105S12ABK
RECTANGULAR
Standard Rectangular Power Connectors
Rectangular Power Connector Male -
SBA
PX0108
2, 3, 4 poles
Male housing
Shrink boot adapter
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
2
3
4
-
-
-
Crimp
Crimp
Crimp
Grey
Grey
Grey
Additional
SBA
SBA
SBA
PX0108S02GY
PX0108S03GY
PX0108S04GY
Rectangular Power Connector Male -
TER
PX0110
3 poles
Male housing
Terminating resistor
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
3
-
Crimp
Grey
Additional
TER
PX0110S03GY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com