Electronic Components Datasheet Search
  English  ▼

X  

WLP03 Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # WLP03
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLP03 Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  WLP03 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
186 Rectangular Power Connectors
Rectangular Power Connectors Female -
REC
PX0106
2, 3, 4, 6, 8 & 12 poles
Female Housing
Wedge-locks included
Pin contacts
Available in Grey and Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
2
3
3
4
4
6
6
8
8
12
12
-
-
-
-
-
-
-
-
A
A
A
A
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Additional
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PEC
PX0106P02BK
PX0106P02GY
PX0106P03BK
PX0106P03GY
PX0106P04BK
PX0106P04GY
PX0106P06BK
PX0106P06GY
PX0106P08ABK
PX0106P08AGY
PX0106P12ABK
PX0106P12AGY
RECTANGULAR
Standard Rectangular Power Connectors
Rectangular Power Connectors Female
PX0101
2, 3, 4, 6, 8 & 12 poles
Female Housing
Wedge-locks included
Pin contacts
Available in Grey and Black
Additional options available
Part Number
Poles
Key
Termination
Colour
2
2
3
3
4
4
6
6
8
8
12
12
-
-
-
-
-
-
-
-
A
A
A
A
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Crimp
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Black
Grey
Additional
-
-
-
-
-
-
-
-
-
-
-
-
PX0101P02BK
PX0101P02GY
PX0101P03BK
PX0101P03GY
PX0101P04BK
PX0101P04GY
PX0101P06BK
PX0101P06GY
PX0101P08ABK
PX0101P08AGY
PX0101P12ABK
PX0101P12AGY
Rectangular Power Connector Male -
PEC & SBA
PX0107
3 poles
Male housing
Protective end cap
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
Additional
3
-
Crimp
Grey
PEC & SBA
PX0107P03GY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com