Electronic Components Datasheet Search
  English  ▼

X  

WLP03 Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # WLP03
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLP03 Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  WLP03 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLP03 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rectangular Power Connectors 187
RECTANGULAR
Standard Rectangular Power Connectors
Rectangular Power Connector Male -
SBA
PX0109
2, 3 & 4 poles
Male housing
Protective end cap
Socket contacts
Available in Grey and Black
Additional options available
Part Number
Poles
Key
Termination
Colour
Additional
2
2
3
4
-
-
-
-
Crimp
Crimp
Crimp
Crimp
Black
Grey
Black
Grey
SBA
SBA
SBA
SBA
PX0109P02BK
PX0109P02GY
PX0109P03BK
PX0109P04GY
Rectangular Power Connector Male -
WFL
PX0112
3, 3, 4, 8 & 12 poles
Male housing
Protective end cap
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
Additional
2
3
4
8
12
-
-
-
A
A
Crimp
Crimp
Crimp
Crimp
Crimp
Grey
Grey
Grey
Grey
Grey
WFL
WFL
WFL
WFL
WFL
PX0112P02GY
PX0112P03GY
PX0112P04GY
PX0112P08AGY
PX0112P12AGY
Rectangular Power Connector Male -
TEL
PX0111
3, 3, 4, 8 & 12 poles
Male housing
Protective end cap
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
Additional
3
-
Crimp
Grey
TER
PX0111P03GY
Rectangular Power Connector Male -
YTY
PX0113
3 poles
Male housing
Protective end cap
Socket contacts
Available in Grey
Additional options available
Part Number
Poles
Key
Termination
Colour
Additional
3
-
Crimp
Grey
YTY
PX0113P03GY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com