Electronic Components Datasheet Search
  English  ▼

X  

WLP06 Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # WLP06
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLP06 Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  WLP06 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
188 Rectangular Power Connectors
RECTANGULAR - Accessories
Standard Rectangular Power Connectors
Wedgelocks
WLP12
Pin & Sockets available
2, 3, 4, 6, 8 & 12 Pole
* Wedgelocks are sold separately and are required
for confirmation of alignment of contact. Please refer
to the chart above to determine part required: e.g.
WLP02 is required for 2 pole female housings
Part Number
Contacts
Pin / Socket
02
02
02
03
03
04
04
06
06
08
08
12
12
Pin
Socket
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Additional
-
-
Enhanced Seal
-
-
-
-
-
-
-
-
-
-
WLP02
WLS02
WLS02ENS
WLP03
WLS03
WLP04
WLS04
WLP06
WLS06
WLP08
WLS08
WLP12
WLS12
Accessories
SA100
Crimp Pin & Sockets
Choice of Gold and Nickel Plated
Green Stripe available
Part Number
Plating
AWG
Type
Pin / Socket
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Nickel Plating
Gold Plating
Gold Plating
14
14
16 - 20
16 - 20
14
14
16 - 20
16 - 20
16 - 20
16 - 20
14, 16, 18
14, 16, 18
14, 16, 18
14, 16, 18
Solid
Solid
Solid
Solid
Solid
Solid
Solid
Solid
Stamped
Stamped
Stamped
Stamped
Stamped
Stamped
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Additional
Green Stripe
Green Stripe
Green Stripe
Green Stripe
-
-
-
-
Bandolier
Bandolier
Bandolier
Bandolier
Bandolier
Bandolier
SA1000/G
SA1001/G
SA1002/G
SA1003/G
SA1000
SA1001
SA1002
SA1003
SA1004
SA1005
SA1006
SA1007
SA1008
SA1009
Tooling
Crimp tooling available
Probe extraction tool
Part Number
Additional
Crimping tool for heavy duty Rectangular Connectors (series coming soon)
Probe extraction tool
Crimping tool for Rectangular Connectors
10000
10001
10002



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com