Electronic Components Datasheet Search
  English  ▼

X  

WLP06 Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # WLP06
Description  Rectangular Power Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

WLP06 Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  WLP06 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. WLP06 Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rectangular Power Connectors 189
RECTANGULAR - Specifications - Part Number System
Standard Rectangular Power Connectors
No Poles:
2, 3, 4, 6, 8 & 12
Current Rating:
13A
Voltage Rating:
250V DC
Insulation Resistance:
>1000MΩ (@ 500V DC)
Dielectric Strength:
<2mA @ 15V AC
Operating
Temperature Range:
–40°C to +120°C
Electrical:
Material
Body Mouldings:
Contacts:
Rubber Seal:
RoHS
Contact Layout
2 pole
3 pole
4 pole
6 pole
8 pole
12 pole
Mechanical:
Sealing:
Contact Accommodation:
Termination:
Contact Retention:
IP68
14 - 20 AWG 2.5-0.35 mm²
Crimp terminals
Size 16: 111N (25 lbs)
Body Type
100 = Male
101 = Female
102 = Male Enhanced Seal Retention
103 = Male Enhanced Seal Retention
& Protective End Cap
104 = Male Enhanced Seal Retention
& Shrink Boot Adapter
105 = Male Protective End Cap
106 = Female Protective End Cap
107 = Female Protective
End Cap & Shrink Boot Adapter
108 = Male Shrink Boot Adapter
109 = Female Shrink Boot Adapter
110 = Male Terminating Resistor
111 = Terminating Resistor
112 = Female Welded Flange
113 = Female Y Type
PX0
XXX
X
XX
X
XX
Contact Type
S = Socket
P = Pin
Contacts
02 = 2 Contacts
03 = 3 Contacts
04 = 4 Contacts
06 = 6 Contacts
08 = 8 Contacts
12 = 12 Contacts
Range
PX0
Key
A = A Key
Colour
GY = Grey
BK = Black
Cycles:
100
Polybutylene Terephthalate, Polyamide
Glass Fiber
Copper Alloy Nickel Plated, Copper Alloy
Gold Plated
Silicone Rubber
Compliant
Contact Insertion Instructions
Step One:
Use a previously crimped contact
and wire and hold just behind the
contact barrel.
Step Two:
Line the contact up with the
grommet.
Step Three:
Push the contact until a click is
felt. Check the contact is in place
by gently tugging and confirming
alignment. Repeat for number of
contacts desired
Step Four:
When contacts are in place, insert
the appropriate wedgelock until
a click is heard. Once male and
female housings are prepared the
parts can be mated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com