Electronic Components Datasheet Search
  English  ▼

X  

MSC045SMB120SD Datasheet(PDF) 3 Page - Microchip Technology

Part # MSC045SMB120SD
Description  1200V, 45 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC045SMB120SD Datasheet(HTML) 3 Page - Microchip Technology

  MSC045SMB120SD Datasheet HTML 1Page - Microchip Technology MSC045SMB120SD Datasheet HTML 2Page - Microchip Technology MSC045SMB120SD Datasheet HTML 3Page - Microchip Technology MSC045SMB120SD Datasheet HTML 4Page - Microchip Technology MSC045SMB120SD Datasheet HTML 5Page - Microchip Technology MSC045SMB120SD Datasheet HTML 6Page - Microchip Technology MSC045SMB120SD Datasheet HTML 7Page - Microchip Technology MSC045SMB120SD Datasheet HTML 8Page - Microchip Technology MSC045SMB120SD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MSC045SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004035A - 3
Table 1-3. Static Characteristics (continued)
Symbol Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain current
VDS = 1200V, VGS = 0V
—
0.03
5.3
µA
VDS = 1200V, VGS = 0V, TJ = 175 °C
—
0.46
—
IGSS
Gate-source leakage current
VGS = 21V/–10V
—
—
±100
nA
Note: 
1. Pulse test: pulse width < 380 μs, duty cycle < 2%.
The following table shows the dynamic characteristics of the device at TJ = 25 °C unless otherwise
specified.
Table 1-4. Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Ciss
Input capacitance
VGS = 0V, VDD = 1000V, VAC = 25 mV,
ƒ = 100 kHz
—
1480 —
pF
Crss
Reverse transfer capacitance
—
5.0
—
Coss
Output capacitance
—
70
—
QG
Total gate charge
VGS = 18V/–5V, VDD = 800V, ID = 10A
—
61
—
nC
QGS
Gate-source charge
—
18
—
QGD
Gate-drain charge
—
10
—
td(on)
Turn-on delay time
VDD = 850V, VGS = 18V/–5V, ID = 30, RG = 8Ω,
Freewheeling diode = MSC045SMB120SD
(VGS = –5V); reference Figure 1-19
—
14
—
ns
tr
Rise time
—
12
—
td(off)
Turn-off delay time
—
20
—
tf
Fall time
—
8
—
Eon
Turn-on switching energy
—
296
—
µJ
Eoff
Turn-off switching energy
—
123
—
ESR
Gate equivalent series resistance f = 1 MHz, 25 mV, drain-to-source short
—
1.05
—
Ω
SCWT
Short circuit withstand time
VDS = 960V, VGS = 18V/0V, RG = 20Ω
—
2
—
µs
EAS
Avalanche energy, single pulse
ID = 2.8A, 100% UIS production tested
580
—
—
mJ
EAS CHAR
ID = 12A, last typical pass
—
1500 —
The following table shows the body diode characteristics of the device at TJ = 25 °C unless otherwise
specified.
Table 1-5. Body Diode Characteristics
Symbol
Characteristic
Test Conditions
Min. Typ. Max. Unit
VSD
Diode forward voltage
ISD = 10A, VGS = 0V
—
3.5
—
V
ISD = 10A, VGS = –5V
—
3.9
5.0
trr
Reverse recovery time
ISD = 30A, VGS = –5V, Drive RG = 8Ω, VDD = 850V,
dI/dt = –9200 A/μs
—
9
—
ns
Qrr
Reverse recovery charge
—
180
—
nC
IRRM
Reverse recovery current
—
31
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com