Electronic Components Datasheet Search
  English  ▼

X  

MSC045SMB120SD Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC045SMB120SD
Description  1200V, 45 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC045SMB120SD Datasheet(HTML) 1 Page - Microchip Technology

  MSC045SMB120SD Datasheet HTML 1Page - Microchip Technology MSC045SMB120SD Datasheet HTML 2Page - Microchip Technology MSC045SMB120SD Datasheet HTML 3Page - Microchip Technology MSC045SMB120SD Datasheet HTML 4Page - Microchip Technology MSC045SMB120SD Datasheet HTML 5Page - Microchip Technology MSC045SMB120SD Datasheet HTML 6Page - Microchip Technology MSC045SMB120SD Datasheet HTML 7Page - Microchip Technology MSC045SMB120SD Datasheet HTML 8Page - Microchip Technology MSC045SMB120SD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004035A - 1
Product Overview
1200V, 45 mΩ typical at VGS = 18V, 56 mΩ typical at VGS = 15V, Silicon Carbide (SiC) N-Channel MOSFET, TO-263
7-lead XL with a source sense.
1 2
3
4
5
6
7
GATE
SOURCE SENSE
SOURCE
DRAIN
(PIN 2)
(FUSED PINS 3, 4, 5, 6, 7)
(BACKSIDE TAB)
(PIN 1)
BACKSIDE
TAB
Table 1. Ordering Information
Catalog Part Number (CPN)
Package
Packing Media (Qty.)
Qualification
MSC045SMB120SDT/R
TO-263 7-lead XL
Tape and Reel (800)
Industrial
MSC045SMB120SDT/RM
Mini Tape and Reel (100)
MSC045SMB120SDT/RVAO
TO-263 7-lead XL
Tape and Reel (800)
AEC-Q101
MSC045SMB120SDT/RMVAO
Mini Tape and Reel (100)
Features
•
Low capacitances and low gate charge
•
Fast switching speed due to low internal gate resistance (ESR)
•
Stable operation at high junction temperature, TJ(max) = 175 °C
•
Fast and reliable body diode
•
Superior avalanche ruggedness (100% UIS production tested)
•
RoHS compliant
Benefits
•
High efficiency to enable lighter and more compact system
•
Simple to drive and easy to parallel
•
Improved thermal capabilities and lower switching losses
•
Eliminates the need for external freewheeling diode
•
Lower system cost of ownership
Applications
•
Photovoltaic (PV) inverter, converter, and industrial motor drives
•
Smart grid transmission and distribution
•
Induction heating and welding
•
Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
•
Power supply and distribution
1200V, 45 mΩ N-Channel mSiC™ MOSFET
MSC045SMB120SD


Similar Part No. - MSC045SMB120SD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC045SMB120B MICROCHIP-MSC045SMB120B Datasheet
598Kb / 13P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC045SMB120B4N MICROCHIP-MSC045SMB120B4N Datasheet
574Kb / 12P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC045SMB120B4NVAO MICROCHIP-MSC045SMB120B4NVAO Datasheet
574Kb / 12P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC045SMB120BVAO MICROCHIP-MSC045SMB120BVAO Datasheet
598Kb / 13P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
More results

Similar Description - MSC045SMB120SD

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LN100 SUTEX-LN100 Datasheet
736Kb / 6P
1200V Cascoded N-Channel MOSFET
logo
STMicroelectronics
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
logo
Nexperia B.V. All right...
BUK9Y41-80E NEXPERIA-BUK9Y41-80E Datasheet
767Kb / 13P
N-channel 80 V, 45 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
Unisonic Technologies
5N120 UTC-5N120 Datasheet
451Kb / 7P
5A, 1200V N-CHANNEL POWER MOSFET
2018
logo
UN Semiconducctor INC
UNC1K203N078-T47-4 UNSEMI-UNC1K203N078-T47-4 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47-4 UNSEMI-UNC1K207N043-T47-4 Datasheet
4Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47-4 UNSEMI-UNC1K211N016-T47-4 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47 UNSEMI-UNC1K211N016-T47 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com