Electronic Components Datasheet Search
  English  ▼

X  

MAX4060 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 1 Page - Analog Devices

  MAX4060 Datasheet HTML 1Page - Analog Devices MAX4060 Datasheet HTML 2Page - Analog Devices MAX4060 Datasheet HTML 3Page - Analog Devices MAX4060 Datasheet HTML 4Page - Analog Devices MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4060/MAX4061/MAX4062 are differential-input
microphone preamplifiers optimized for notebook and
PDA audio systems. These devices feature adjustable
gain with excellent power-supply rejection and common-
mode rejection ratios, making them ideal for lownoise
applications in portable audio systems.
The MAX4060/MAX4062 are capable of switching their
output between the differential input and a single-ended
auxiliary microphone amplifier input. In addition, the
MAX4060/MAX4062 have a low-noise microphone bias
generator. The differential gain of the MAX4061/MAX4062
is set with a single resistor. The MAX4060 has a fixed gain
of 10V/V and is PC99/2001 compliant. The MAX4061
includes a complete shutdown mode. In shutdown, the
supply current is reduced to 0.3μA and the current to the
microphone bias is cut off for ultimate power savings.
The MAX4060 operates from a 4.5V to 5.5V single sup-
ply and the MAX4061/MAX4062 operate from 2.4V to
5.5V. All devices are specified over the extended operat-
ing temperature range, -40°C to +85°C. The MAX4060/
MAX4061 are available in tiny 8-pin TDFN (3mm x 3mm
x 0.8mm) and 8-pin μMAX® packages. The MAX4062 is
available in a 10-pin μMAX package.
Applications
● Notebook Audio
Systems
● Tablet PCs
● PDA Audio Systems
● USB Audio Peripherals
● AES-42-Compliant
Microphones
● Signal Conditioning
Features
● 2.4V to 5.5V Single-Supply Operation
● Adjustable Gain or Fixed-Gain Options
● High PSRR (86dB at 1kHz)
● High CMRR (70dB at 1kHz)
● Low Input-Referred Noise
● Integrated Microphone Bias
● 750μA Supply Current
● 0.3μA Shutdown Current
● ±4kV ESD Protection (AUX_IN)
● Rail-to-Rail Outputs
● THD+N: 0.04% at 1kHz
● Available in Space-Saving Packages
• 8-Pin TDFN (MAX4060/MAX4061)
• 8-Pin μMAX (MAX4060/MAX4061)
• 10-Pin μMAX (MAX4062)
19-2408; Rev 5; 12/23
μMAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations and Selector Guide appear at end of
data sheet.
*EP = Exposed pad.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4060ETA+ -40°C to +85°C 8 TDFN-EP*
ABY
MAX4060EUA+ -40°C to +85°C 8 µMAX
—
MAX4061ETA+ -40°C to +85°C 8 TDFN-EP* ABZ, ADL
MAX4061EUA+ -40°C to +85°C 8 µMAX
—
MAX4062EUB+ -40°C to +85°C 10 µMAX
—
BIAS
BIAS
AUX_IN
8
IN-
IN+
6
5
4
VCC
2.4V TO 5.5V
MAX4060
INT/AUX 1
OUT 2
GND
7
BIAS
3
VBIAS
x10
BIAS
x10
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
MAX4060/MAX4061/
MAX4062
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2023 Analog Devices, Inc. All rights reserved.
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click here to ask an associate for production status of specific part numbers.
Typical Operating Circuit
Ordering Information


Similar Part No. - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060-MAX4062 MAXIM-MAX4060-MAX4062 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
More results

Similar Description - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com