Electronic Components Datasheet Search
  English  ▼

X  

MAX4060 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices MAX4060 Datasheet HTML 10Page - Analog Devices MAX4060 Datasheet HTML 11Page - Analog Devices MAX4060 Datasheet HTML 12Page - Analog Devices MAX4060 Datasheet HTML 13Page - Analog Devices MAX4060 Datasheet HTML 14Page - Analog Devices MAX4060 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MAX4061/MAX4062
The MAX4062 has a lower bias voltage and low-imped-
ance outputs (optimum electret bias resistor can then be
set externally). This gives a low-noise, flexible solution
that can run from 2.4V to 5.5V, suitable for handheld
devices such as PDAs that typically have audio power
supplies in the 3V region (see Figure 3).
In applications where the differential microphone is placed
some distance from the MAX4060/MAX4061/MAX4062,
using a remote differential bias scheme as shown in
Figure 4 can provide improved noise rejection.
Output
MAX4060/MAX4061 DC Bias
The output voltage has a DC-bias voltage independent
of the power supplies, resulting in superior PSRR perfor-
mance. The MAX4061 output is high impedance when the
part is in shutdown mode. AC-coupling the output into the
next audio stage (e.g., CODEC) is recommended.
Applications Information
Shutdown Mode
The MAX4061 features a low-power, complete shutdown
mode. When SHDN goes low, the supply current drops
to 0.3μA, the output enters a high-impedance state, and
the bias current to the microphone is switched off. Driving
SHDN
high enables the amplifier. SHDN should not be
left unconnected.
Power Supplies and Layout
The MAX4060 operates from a 4.5V to 5.5V single sup-
ply and the MAX4061/MAX4062 operate from a 2.4V to
5.5V single supply. Bypass the power supply with a 0.1μF
capacitor to ground. In systems where analog and digital
grounds are available, the MAX4060/MAX4061 should be
connected to the analog ground.
Figure 2. MAX4060 Used for Biasing a Microphone
IN-
IN+
6
5
4
VCC
4.5V TO 5.5V
MAX4060
INT/AUX 1
OUT 2
GND
7
x10
VBIAS
x10
BIAS
3
AUX_IN
MICROPHONE
INPUT
8
RBIAS
www.analog.com
Analog Devices │ 11
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com