Electronic Components Datasheet Search
  English  ▼

X  

EC3597 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC3597
Description  3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3597 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC3597 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
E-CMOS
EC3597 1.1
VERSION 1.1
PAGE 2/11
2. PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
FUNCTION
1
X1
I
Input from X-axis photo-encoder.
2
X2
I
Input from X-axis photo-encoder.
3
Y1
I
Input from Y-axis photo-encoder.
4
Y2
I
Input from Y-axis photo-encoder.
5
VDD
P
+5V power supply.
6
NC
I
No Connection
7
RIN
I
RC/crystal oscillator input.
8
RCOUT
O
RC/crystal oscillator output.
9
BR
I
Right button input.
10
BM
I
Middle button input.
11
BL
I
Left button input.
12
GND
P
Power ground.
13
DATA
I/O
Bidirectional DATA I/O pin .
14
CLK
I/O
Bidirectional CLK I/O pin.
15
Z1
I
Input from Z-axis encoder.
16
Z2
I
Input from Z-axis encoder.
3. DC ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNIT
Operating Voltage
4.5
5
5.5
V
Operating Current (no load)
2
mA
BL, BM, BR
internal pull-up resistance
50
Kohm
X1, X2, Y1, Y2
internal pull-down resistance
12
Kohm
Z1, Z2 (A/C type)
Internal pull-down resistance
12
Kohm
Z1, Z2 (B type)
internal pull-up resistance
100
Kohm
Z1, Z2 (D type)
internal pull-down resistance
100
Kohm
CLK, DATA
internal pull-up resistance
5
Kohm
X1, X2, Y1,Y2, Z1, Z2 input range
0.1
3.2
V
X1, X2, Y1,Y2, Z1, Z2 input amplitude
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com