Electronic Components Datasheet Search
  English  ▼

X  

EC3597 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC3597
Description  3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3597 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC3597 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3597 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E-CMOS
EC3597 1.1
VERSION 1.1
PAGE 4/11
6. PS/2 COMMAND LIST
HEX CODE
COMMAND
RESPONSE
FF
Reset
FA, AA, 00
FE
Resend
XX, (XX, XX)
F6
Set Default
FA
F5
Disable
FA
F4
Enable
FA
F3, XX
Set Sampling Rate
FA, FA
F2
Read Device Type
FA, 00
F0
Set Remote Mode
FA
EE
Set Wrap Mode
FA
EC
Reset Wrap Mode
FA
EB
Read Data
FA, XX, XX, XX
EA
Set Stream Mode
FA
E9
Status Request
FA, XX, XX, XX
E8, XX
Set Resolution
FA, FA
E7
Set Scaling 2:1
FA
E6
Reset Scaling
FA
6.1 F3,XX Set Sampling Rate
SECOND BYTE XX
SAMPLING RATE
0A
10/sec.
14
20/sec.
28
40/sec.
3C
60/sec.
50
80/sec.
64
100/sec.
C8
200/sec.
6.2 E9 Status Request
BYTE
BIT
DESCRIPTION
3
0-7
Current Sampling Rate (Bit 0=LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com