Electronic Components Datasheet Search
  English  ▼

X  

FST3125M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FST3125M
Description  4-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FST3125M Datasheet HTML 1Page - Fairchild Semiconductor FST3125M Datasheet HTML 2Page - Fairchild Semiconductor FST3125M Datasheet HTML 3Page - Fairchild Semiconductor FST3125M Datasheet HTML 4Page - Fairchild Semiconductor FST3125M Datasheet HTML 5Page - Fairchild Semiconductor FST3125M Datasheet HTML 6Page - Fairchild Semiconductor FST3125M Datasheet HTML 7Page - Fairchild Semiconductor FST3125M Datasheet HTML 8Page - Fairchild Semiconductor FST3125M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
6
Physical Dimensions
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AB, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD:
SOIC127P600X145-14M
E) DRAWING CONFORMS TO ASME Y14.5M-1994
F) DRAWING FILE NAME: M14AREV13
PIN ONE
INDICATOR
SEATING PLANE
DETAIL A
SCALE: 20:1
GAGE PLANE
0.25
X 45°
1
0.10
C
C
B
CA
7
M
14
B
A
8
SEE DETAIL A
5.60
0.65
1.70
1.27
8.75
8.50
7.62
6.00
4.00
3.80
(0.33)
1.27
0.51
0.35
1.75 MAX
1.50
1.25
0.25
0.10
0.25
0.19
(1.04)
0.90
0.50
0.36
R0.10
R0.10
0.50
0.25
Figure 6. 14-Lead, Small-Outline Integrated Circuit (SOIC) 0.150-inch Narrow
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com