Electronic Components Datasheet Search
  English  ▼

X  

FST3125M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST3125M
Description  4-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3125M Datasheet HTML 1Page - Fairchild Semiconductor FST3125M Datasheet HTML 2Page - Fairchild Semiconductor FST3125M Datasheet HTML 3Page - Fairchild Semiconductor FST3125M Datasheet HTML 4Page - Fairchild Semiconductor FST3125M Datasheet HTML 5Page - Fairchild Semiconductor FST3125M Datasheet HTML 6Page - Fairchild Semiconductor FST3125M Datasheet HTML 7Page - Fairchild Semiconductor FST3125M Datasheet HTML 8Page - Fairchild Semiconductor FST3125M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
2
Pin Configurations
/OE1
1A
1B
/OE2
2A
2B
GND
VCC
/OE4
4A
4B
/OE3
3A
3B
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC
/OE1
1A
1B
/OE2
2A
2B
GND
VCC
/OE4
4A
4B
/OE3
3A
3B
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Figure 2. SOIC and TSSOP Pin Assignments
Figure 3. QSOP Pin Assignments
Pin Descriptions
Pin Names
Description
/OE1, /OE2, /OE3, /OE4
Bus Switch Enables
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
VCC
Supply Voltage
GND
Ground
Truth Table
Inputs
Inputs/Outputs
/OE
A, B
LOW
A = B
HIGH
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com