Electronic Components Datasheet Search
  English  ▼

X  

MAX4295EEE Datasheet(PDF) 7 Page - Analog Devices

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4295EEE Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX4295EEE Datasheet HTML 3Page - Analog Devices MAX4295EEE Datasheet HTML 4Page - Analog Devices MAX4295EEE Datasheet HTML 5Page - Analog Devices MAX4295EEE Datasheet HTML 6Page - Analog Devices MAX4295EEE Datasheet HTML 7Page - Analog Devices MAX4295EEE Datasheet HTML 8Page - Analog Devices MAX4295EEE Datasheet HTML 9Page - Analog Devices MAX4295EEE Datasheet HTML 10Page - Analog Devices MAX4295EEE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
_______________________________________________________________________________________
7
-0.025
-0.020
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OSCILLATOR FREQUENCY DEVIATION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1MHz
125kHz
250kHz
500kHz
400
µs/div
STARTUP/SHUTDOWN
WAVEFORM
MAX4295 toc27
SHDN
VOUT
2.5V/div
4V/div
RL = 4
Ω
fOSC = 250kHz
fIN = 10kHz
CSS = 560pF
Typical Operating Characteristics (continued)
(VCC = PVCC = +3V, input amplifier gain = -1, SHDN = VCC , TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1, 12
GND
Analog Ground
2, 15
PVCC
H-Bridge Power Supply
3
OUT+
Positive H-Bridge Output
4, 13
PGND
Power Ground
5VCC
Analog Power Supply
6
VCM
Audio Input Common-Mode Voltage. Do not connect. Minimize parasitic coupling to this pin.
7IN
Audio Input
8
AOUT
Input Amplifier Output
9
SHDN
Active-Low Shutdown Input. Connect to VCC for normal operation. Do not leave floating.
10
FS1
Frequency Select Input 1
11
FS2
Frequency Select Input 2
14
OUT-
Negative H-Bridge Output
16
SS
Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com