Electronic Components Datasheet Search
  English  ▼

X  

MAX4295EEE Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4295EEE Datasheet(HTML) 1 Page - Analog Devices

  MAX4295EEE Datasheet HTML 1Page - Analog Devices MAX4295EEE Datasheet HTML 2Page - Analog Devices MAX4295EEE Datasheet HTML 3Page - Analog Devices MAX4295EEE Datasheet HTML 4Page - Analog Devices MAX4295EEE Datasheet HTML 5Page - Analog Devices MAX4295EEE Datasheet HTML 6Page - Analog Devices MAX4295EEE Datasheet HTML 7Page - Analog Devices MAX4295EEE Datasheet HTML 8Page - Analog Devices MAX4295EEE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4295 mono, switch-mode (Class D) audio
power amplifier operates from a single +2.7V to +5.5V
supply. The MAX4295 has >85% efficiency and is
capable of delivering 2W continuous power to a 4
Ω
load, making it ideal for portable multimedia and gener-
al-purpose high-power audio applications.
The MAX4295 features a total harmonic distortion plus
noise (THD+N) of 0.4% (fOSC = 125kHz), low quiescent
current of 2.8mA, high efficiency, and clickless power-
up and shutdown. The SHDN input disables the device
and limits supply current to <1.5µA. Other features
include a 1A current limit, thermal protection, and
undervoltage lockout.
The MAX4295 reduces the number of required external
components. Internal high-speed power-MOS transis-
tors allow operation as a bridge-tied load (BTL) amplifi-
er. The BTL configuration eliminates the need for
isolation capacitors on the output. The frequency-selec-
table pulse-width modulator (PWM) allows the user to
optimize the size and cost of the output filter.
The MAX4295 is offered in a space-saving 16-pin
QSOP or narrow SO package.
Applications
Features
♦ +2.7V to +5.5V Single-Supply Operation
♦ 2W/Channel Output Power at 5V
0.7W/Channel Output Power at 3V
♦ 87% Efficiency (RL = 4Ω, POUT = 2W)
♦ 0.4% THD+N (RL = 4Ω, fOSC = 125kHz)
♦ Logic-Programmable PWM Frequency Selection
(125kHz, 250kHz, 500kHz, 1MHz)
♦ Low-Power Shutdown Mode
♦ Clickless Transitions Into and Out of Shutdown
♦ 1A Current Limit and Thermal Protection
♦ Available in Space-Saving Packages
16-Pin QSOP or Narrow SO
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
________________________________________________________________ Maxim Integrated Products
1
AOUT
IN
VCC
GND
VCM
ON
OFF
SHDN
FS1
FS2
OUT+
OUT-
PVCC
AUDIO
INPUT
2.7V TO 5.5V
2.7V TO 5.5V
RF
RIN
CIN
GND
MAX4295
PVCC
PGND
PGND
SS
19-1746; Rev 3; 3/05
Ordering Information
Palmtop/Notebook
Computers
PDA Audio
Sound Cards
Game Cards
Boom Boxes
AC Amplifiers
Battery-Powered Speakers
Cordless Phones
Portable Equipment
Pin Configuration appears at end of data sheet.
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
MAX4295EEE
-40°C to +85°C
16 QSOP
MAX4295ESE
-40°C to +85°C
16 Narrow SO


Similar Part No. - MAX4295EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295EEE MAXIM-MAX4295EEE Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX4295EEE MAXIM-MAX4295EEE Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results

Similar Description - MAX4295EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com