Electronic Components Datasheet Search
  English  ▼

X  

RF600T Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # RF600T
Description  Low-Power-Radio Transceiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd RF600T Datasheet HTML 10Page - rfsolutions.ltd RF600T Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS601-2
11
th Dec 2003
©2003 Reg. No. 227 4001, ENGLAND
Page 9
Low-Power-Radio Transceiver IC
RF600T
Achieving Optimum Range
Range is dependant on many factors including
1.
RF Power output
2.
Receiver sensitivity
3.
Antenna efficiency
4.
Local environmental conditions and any local Interference
5.
Data Type which is being transmitted.
Whilst items 1-4 are dependant on the system hardware design, item ‘5’ is equally important and often
overlooked. Given that there is a legal maximum power output which can be transmitted, and a limit on the
sensitivity of the receiver (usually constrained by cost), and that the antenna can never achieve 0dB loss
(100% efficiency), then the data structure and coding is an important aspect of the design.
The RF600T uses a fully balanced Manchester encoded data protocol designed for optimum use of the
radio transmission path. Manchester encoding enables the receiver ‘data slicer’ to maintain efficiency for
the duration of the data packet, (unlike many other encoder/decoder systems) which results in reduced bit
errors and therefore ensures maximum range.
Custom Versions
Customisation of the RF600T is available, please contact our sales department for further information.
Technical Specifications: Absolute Maximum Ratings
Item
Rating
Units
Supply voltage
-0.3 to 6.9
V
Input voltage
-0.3 to VDD + 0.3
V
Output voltage
-0.3 to VDD+ 0.3
V
Max output current
25
mA
Storage temperature
-55 to +125
°C (Note)
Lead soldering temp
300
°C (Note)
ESD rating
4000
V
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Characteristics
Min
Typical
Max
Unit
Operating current (average)
Vdd = 2 - 3V
Vdd = 3 - 6.6V
0.3
0.7
1.2
1.6
mA
High level Input voltage
0.55VDD
VDD+0.3
V
Low level input voltage
0.3
0.15VDD
V
High level output voltage
0.7VDD
V
Low level output voltage
0.08VDD
V
Output Pin Current rating
-
25
mA
LED sink current
5.0
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com