Electronic Components Datasheet Search
  English  ▼

X  

RF600T Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # RF600T
Description  Low-Power-Radio Transceiver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 1 Page - rfsolutions.ltd

  RF600T Datasheet HTML 1Page - rfsolutions.ltd RF600T Datasheet HTML 2Page - rfsolutions.ltd RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS601-2
11
th Dec 2003
©2003 Reg. No. 227 4001, ENGLAND
Page 1
Low-Power-Radio Transceiver IC
RF600T
• Addressed Mode With Acknowledge
• Broadcast Mode
• Automatic Retry
• Serial Interface
• Stand Alone Operation
• Achieves Maximum Range From RF Modules
• Flow Control Option
• Two Telemetry I/O Lines (addressed mode only)
• Compatible With Most RF Modules
Typical Applications
• Wireless RS232
• Cable Replacement
• Alarm Systems
• Communications Systems
• Local Area Networking
Hardware Features
• 3.0 – 5.5V Operation. (2.0 – 5.5V optional)
• 190 Byte Internal Buffer
• ‘Manchester’ Modulation On Radio Link
• CRC Error Checking
• 18 pin DIP/SOIC Package
• 2 Digital Telemetry Lines (addressed mode only)
• Asynchronous Serial Host Interface
The RF600T provides a simple interface between TTL level asynchronous serial data sources and standard
RF modules (Transceiver, Transmitter or Receiver). The device allows for either broadcast or addressed point
to point modes of operation and is simple to use with minimal interface required. Data packet generation is
automatically performed along with ‘Manchester’ encoding and CRC based error checking. In addition, in
addressed mode, automatic retries ensure that the host is informed of successful or failed data packet
delivery. The RF600T uses control lines to handle the flow of data to and from the host, and incorporates a
190 byte data buffer.
Part Number
Description
Package
RF600T
Transceiver IC PDIP Package
18pin PDIP
RF600T-SO
Transceiver IC SMT Package
18pin SO
5
6
7
8
9
4
3
RF600T
RTS
17
16
15
14
13
12
11
10
2
1
18
OUT2
Vcc
IN2
IN1
RxEN
TxEN
CTS
GND
MODE
TxH
RxH
TxR
RxR
OSC1
OSC2
LEARN
OUT1


Similar Part No. - RF600T

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
Smart Com Radio Transceiver IC
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
640Kb / 13P
Smart Com Radio Transceiver IC
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
351Kb / 12P
FM NARROW BAND TRANSCEIVERS
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
Smart Radio Evaluation Kit
RF600T-EVALR1 RFSOLUTIONS-RF600T-EVALR1 Datasheet
388Kb / 5P
Smart Radio Evaluation Kit
More results

Similar Description - RF600T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
Bluetooth Radio Transceiver?
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
Smart Com Radio Transceiver IC
PT8R1002 ETC-PT8R1002 Datasheet
516Kb / 26P
CMOS Zero-IF Radio Transceiver IC for Bluetooth
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
Smart Com Radio Transceiver IC
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
List of Unclassifed Man...
TRW-MCU24L01 ETC2-TRW-MCU24L01 Datasheet
405Kb / 4P
2.4G Low Power Radio Transceiver
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
Analog Devices
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
7/15-Revision 0
ADF7030-1 AD-ADF7030-1_V01 Datasheet
1Mb / 55P
High Performance, Sub GHz Radio Transceiver IC
Rev. A
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com